Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW1163AL Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW1163AL
Description  AUDIO PROCESSOR with Subwoofer Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1163AL Datasheet(HTML) 3 Page - New Japan Radio

  NJW1163AL Datasheet HTML 1Page - New Japan Radio NJW1163AL Datasheet HTML 2Page - New Japan Radio NJW1163AL Datasheet HTML 3Page - New Japan Radio NJW1163AL Datasheet HTML 4Page - New Japan Radio NJW1163AL Datasheet HTML 5Page - New Japan Radio NJW1163AL Datasheet HTML 6Page - New Japan Radio NJW1163AL Datasheet HTML 7Page - New Japan Radio NJW1163AL Datasheet HTML 8Page - New Japan Radio NJW1163AL Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
NJW1163/A
-3 -
s
s
s
s ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
15
V
Power Dissipation
PD
700
mW
Operating Temperature Range
Topr
-20 to +75
°C
Storage Temperature Range
Tstg
-40 to +125
°C
s
s
s
s ELECTRICAL CHARACTERISTICS
( Ta=25°C, V+=9V, Rg=600
Ω, RL=47kΩ, Vin=100mVrms/1kHz unless otherwise specified)
Condition
Input
PARAMETER
SYMBOL
INa
INb
Output
MIN.
TYP.
MAX.
UNIT
Operating Voltage
V
+
-
-
-
7.5
9.0
13.0
V
Supply Current
ICC
No Signal
-
-
-
-
13
25
mA
Reference Voltage
VREF
No Signal
-
-
-
4.0
4.5
5.0
V
Vin
-
OUTa
Maximum Input Voltage
VIM
VOL=-20dB,THD=1%
-
Vin
OUTb
2.8
3.0
-
Vrms
Vin
-
OUTa
Maximum
Output Voltage
VOM
VOL=0dB, THD=1%
-
Vin
OUTb
-
2.5
-
Vrms
Channel Balance
GCB
VOL=0dB
-
-
-
-1.5
0.0
1.5
dB
Balance Boost A
BABST
CHS=”0”,BAL=”111111”
Vin
Vin
OUTa
-2.0
0.0
2.0
dB
Balance Cut A
BACUT
CHS=”1”, BAL=”111111”
Vin = 1Vrms
Vin
Vin
OUTa
-
-
-70
dB
Balance Boost B
BBBST
CHS=”1”,BAL=”111111”
Vin
Vin
OUTb
-2.0
0.0
2.0
dB
Balance Cut B
BBCUT
CHS=”0”, BAL=”111111”
Vin = 1Vrms
Vin
Vin
OUTb
-
-
-70
dB
Trimmer Boost
TRBST
VOL=0dB
TRIM = +18dB
Vin
Vin
OUTw
16.0
18.0
20.0
dB
Trimmer Cut
TRCUT
VOL=0dB
TRIM = -44dB
Vin
Vin
OUTw
-49.0
-44.0
-39.0
dB
Vin
-
OUTa
Total Harmonic Distortion
THD
Vo=0.5Vrms,
BW=400Hz to 30kHz
-
Vin
OUTb
-
-
0.5
%
Vin
-
OUTa
Maximum Gain
GVMAX
VOL=0dB
-
Vin
OUTb
-2.0
0.0
2.0
dB
Vin
-
OUTa
Minimum Gain
GVMIN
VOL=MUTE
Vin=1Vrms
-
Vin
OUTb
-
-
-70
dB
Vin
-
OUTb
Channel Separation
CS
Vin=1Vrms
BW=400Hz to 30kHz
-
Vin
OUTa
-
-
-70
dB
Output Noise 1
VNO1
VOL=0dB
BW=400Hz to 30kHz
-
-
-
-
-90
(31.6)
-85
(56.2)
dBV
(
µVrms)
Output Noise 2
VNO2
VOL=MUTE
BW=400Hz to 30kHz
-
-
-
-
-106
(5.0)
-96
(15.8)
dBV
(
µVrms)
Output Noise 3
VNO3
VOL=MUTE,TRIM=MUTE
BW=400Hz to 30kHz
-
-
-
-
-100
(10.0)
-90
(30.0)
dBV
(
µVrms)
BW : Band Width


Similar Part No. - NJW1163AL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160L NJRC-NJW1160L Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1160M NJRC-NJW1160M Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJW1161L NJRC-NJW1161L Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
More results

Similar Description - NJW1163AL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1176 NJRC-NJW1176 Datasheet
254Kb / 27P
   AUDIO PROCESSOR with Subwoofer Output
NJW1166 NJRC-NJW1166 Datasheet
245Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1167 NJRC-NJW1167 Datasheet
249Kb / 25P
   AUDIO PROCESSOR with Subwoofer Output
NJW1136 NJRC-NJW1136 Datasheet
412Kb / 24P
   AUDIO PROCESSOR with Subwoofer Output
NJW1168 NJRC-NJW1168 Datasheet
505Kb / 34P
   AUDIO PROCESSOR with Input Selector and Subwoofer Output
logo
Princeton Technology Co...
PT2348 PTC-PT2348 Datasheet
235Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2348 PTC-PT2348_10 Datasheet
244Kb / 5P
   4.1-Channel Audio Processor with Subwoofer
PT2033 PTC-PT2033 Datasheet
284Kb / 5P
   2.1 Channel Audio Processor with Subwoofer Out
logo
STMicroelectronics
TDA7429L STMICROELECTRONICS-TDA7429L Datasheet
114Kb / 16P
   3 BAND EQUALIZER AUDIO PROCESSOR WITH SUBWOOFER CONTROL
March 2000
TDA7462 STMICROELECTRONICS-TDA7462 Datasheet
377Kb / 25P
   DUAL AUDIOPROCESSOR WITH COMPANDER AND SUBWOOFER OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com