2 / 4 page
2
www.protekdevices.com
05083.R2 9/03
PSMDA05C-4
thru
PSMDA24C-4
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Note 1: Test individual pins 8 or 5 to pins 1, 2, 3, or 4. Pins 6 and 7 are open.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
V
C @ IPP
MAXIMUM
CAPACITANCE
PER LINE
@0V, 1 MHz
C
pF
PSMDA05C-4
PSMDA12C-4
PSMDA15C-4
PSMDA24C-4
TEB
TED
TEF
TEH
6.0
13.3
16.7
26.7
9.8
19.0
24.0
43.0
19V @30A
29V @ 20A
32V @ 18A
45V @ 13A
350
150
120
100
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
100
1
1
1
RATED
STAND-OFF
VOLTAGE
@ V
WM
VOLTS
5.0
12.0
15.0
24.0