Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTN78020A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78020A
Description  25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78020A Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTN78020A Datasheet HTML 6Page - Texas Instruments PTN78020A Datasheet HTML 7Page - Texas Instruments PTN78020A Datasheet HTML 8Page - Texas Instruments PTN78020A Datasheet HTML 9Page - Texas Instruments PTN78020A Datasheet HTML 10Page - Texas Instruments PTN78020A Datasheet HTML 11Page - Texas Instruments PTN78020A Datasheet HTML 12Page - Texas Instruments PTN78020A Datasheet HTML 13Page - Texas Instruments PTN78020A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE PTN78020 WIDE-OUTPUT
Input Capacitor
Output Capacitor
Ceramic Capacitors
Tantalum Capacitors
Capacitor Table
PTN78020A
SLTS244A – APRIL 2005 – REVISED MAY 2005
ADJUST POWER MODULES
The minimum requirement for the input capacitance is 18.8-µF (4× 4.7-µF) ceramic capacitance, in either a X5R
or X7R temperature characteristic, and 100-µF of nonceramic capacitance. Ceramic capacitors should be located
within 0.5 inch (1,27 cm) of the regulator's input pins. Electrolytic capacitors must be used at the input in addition
to the required ceramic capacitance. The minimum ripple current rating for any nonceramic capacitance must be
at least 750 mA rms for output currents of 3 A or less. The ripple current rating of electrolytic capacitors is a
major consideration when they are used at the input. This ripple current requirement can be reduced by placing
more ceramic capacitors at the input, in addition to the minimum required 18.8-µF.
Tantalum capacitors are not recommended for use at the input bus, as none were found to meet the minimum
voltage rating of 2 × (maximum dc voltage + ac ripple). This voltage derating is standard practice for regular
tantalum capacitors to ensure reliability. Polymer-tantalum capacitors are more reliable, and are available with a
maximum rating of typically 20 V. These can be used with input voltages up to 16 V.
The minimum electrolytic capacitance required to ensure stability is a 100-µF capacitor. Either ceramic or
electrolytic-type capacitors can be used. The minimum ripple current rating for the nonceramic capacitance must
be at least 250 mA rms. The stability of the module and voltage tolerances is compromised if the capacitor is not
placed near the output bus pins. A high-quality, computer-grade electrolytic capacitor should be adequate. A
ceramic capacitor can be also be located within 0.5 inch (1,27 cm) of the output pin.
For applications with load transients (sudden changes in load current), the regulator response improves with
additional capacitance. Additional electrolytic capacitors should be located close to the load circuit. These
capacitors provide decoupling over the frequency range, 2 kHz to 150 kHz. Aluminum electrolytic capacitors are
suitable for ambient temperatures above 0°C. For operation below 0°C, tantalum or Os-Con-type capacitors are
recommended. When using one or more nonceramic capacitors, the calculated equivalent ESR should be no
lower than 10 m
Ω (17 mΩ using the manufacturer's maximum ESR for a single capacitor). A list of recommended
capacitors and vendors are identified in Table 3.
Above 150 kHz, the performance of aluminum electrolytic capacitors becomes less effective. To further reduce
the reflected input ripple current or the output transient response, multilayer ceramic capacitors must be added.
Ceramic capacitors have low ESR, and their resonant frequency is higher than the bandwidth of the regulator.
When placed at the output, their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 200 µF.
Tantalum-type capacitors may be used at the output, and are recommended for applications where the ambient
operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595, and Kemet
T495/T510/T520 capacitors series are suggested over many other tantalum types due to their rated surge, power
dissipation, and ripple current capability. As a caution, many general-purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation, and lower ripple current capability. These capacitors are
also less reliable as they have lower power dissipation and surge current ratings. Tantalum capacitors that do not
have a stated ESR or surge current rating are not recommended for power applications. When specifying
Os-Con and polymer-tantalum capacitors for the output, the minimum ESR limit is encountered well before the
maximum capacitance value is reached.
The capacitor table, Table 3, identifies the characteristics of capacitors from vendors with acceptable ESR and
ripple current (rms) ratings. The recommended number of capacitors required at both the input and output buses
is identified for each capacitor type. This is not an extensive capacitor list. Capacitors from other vendors are
available with comparable specifications. Those listed are for guidance. The rms rating and ESR (at 100 kHz) are
critical parameters necessary to ensure both optimum regulator performance and long capacitor life.
10


Similar Part No. - PTN78020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020AAST TI-PTN78020AAST Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020AAZT TI-PTN78020AAZT Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
More results

Similar Description - PTN78020A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
Seme LAB
IP137SMD SEME-LAB-IP137SMD Datasheet
505Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05_10 Datasheet
415Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137SMD05 SEME-LAB-IP137SMD05 Datasheet
421Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137IG SEME-LAB-IP137IG Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137G SEME-LAB-IP137G Datasheet
808Kb / 5P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137K SEME-LAB-IP137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com