Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMDAXXC-4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PSMDAXXC-4
Description  STANDARD CAPACITANCE TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PSMDAXXC-4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PSMDAXXC-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers PSMDAXXC-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers PSMDAXXC-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers PSMDAXXC-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05083.R2 9/03
PSMDA05C-4
thru
PSMDA24C-4
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C°C
°C
-55°C to 150°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
500
Watts
Note 1: Test individual pins 8 or 5 to pins 1, 2, 3, or 4. Pins 6 and 7 are open.
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(See Note 1)
DEVICE
MARKING
CODE
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
V
C @ IPP
MAXIMUM
CAPACITANCE
PER LINE
@0V, 1 MHz
C
pF
PSMDA05C-4
PSMDA12C-4
PSMDA15C-4
PSMDA24C-4
TEB
TED
TEF
TEH
6.0
13.3
16.7
26.7
9.8
19.0
24.0
43.0
19V @30A
29V @ 20A
32V @ 18A
45V @ 13A
350
150
120
100
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
100
1
1
1
RATED
STAND-OFF
VOLTAGE
@ V
WM
VOLTS
5.0
12.0
15.0
24.0


Similar Part No. - PSMDAXXC-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSMDA05-18 PROTEC-PSMDA05-18 Datasheet
103Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18 Datasheet
70Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
PSMDA05-18-LF-T13 PROTEC-PSMDA05-18-LF-T13 Datasheet
70Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-18-T13 PROTEC-PSMDA05-18-T13 Datasheet
70Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSMDAXXC-4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SM20MT05C PROTEC-SM20MT05C Datasheet
176Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
CP05 PROTEC-CP05 Datasheet
109Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05 Datasheet
96Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
DA05L PROTEC-DA05L_07 Datasheet
68Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
DA05N PROTEC-DA05N_07 Datasheet
76Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_07 Datasheet
71Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05C-8 PROTEC-PSMDA05C-8_07 Datasheet
73Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMF05 PROTEC-PSMF05_07 Datasheet
85Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Pan Jit International I...
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com