Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7717-01 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7717-01
Description  Single Rail CODEC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7717-01 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7717-01 Datasheet HTML 3Page - OKI electronic componets MSM7717-01 Datasheet HTML 4Page - OKI electronic componets MSM7717-01 Datasheet HTML 5Page - OKI electronic componets MSM7717-01 Datasheet HTML 6Page - OKI electronic componets MSM7717-01 Datasheet HTML 7Page - OKI electronic componets MSM7717-01 Datasheet HTML 8Page - OKI electronic componets MSM7717-01 Datasheet HTML 9Page - OKI electronic componets MSM7717-01 Datasheet HTML 10Page - OKI electronic componets MSM7717-01 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
¡ Semiconductor
MSM7717-01/02/03
7/19
DG
Ground for the digital signal circuits.
This ground is separate from the analog signal ground AG. The DG pin must be connected to the
AG pin on the printed circuit board to make a common analog ground AG.
PDN
Power down control signal.
A logic "0" level drives both transmit and receive circuits to a power down state.
PCMOUT
PCM signal output.
Synchronizing with the rising edge of the BCLK signal, the PCM output signal is output from
MSD in a sequential order.
MSD may be output at the rising edge of the XSYNC signal, based on the timing between BCLK
and XSYNC.
This pin is in a high impedance state except during 8-bit PCM output. It is also in a high
impedance state during power saving or power down mode.
A pull-up resistor must be connected to this pin because its output is configured as an open drain.
This device is compatible with the ITU-T recommendation on coding law and output coding
format.
The MSM7717-03 (A-law) outputs the character signal, inverting the even bits.
Input/Output Level
+Full scale
+0
–0
–Full scale
PCMIN/PCMOUT
MSM7717-02 (
m-law)
MSD
1000
0000
1111
1111
0111
1111
0000
0000
MSM7717-03 (A-law)
MSD
1010
1010
1101
0101
0101
0101
0010
1010


Similar Part No. - MSM7717-01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM7717-01 ETC2-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
MSM7717-01 ETC2-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
More results

Similar Description - MSM7717-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
MSM7578H OKI-MSM7578H Datasheet
158Kb / 18P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7717-01 LAPIS-MSM7717-01 Datasheet
1Mb / 20P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com