Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7728 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 5Page - OKI electronic componets MSM7728 Datasheet HTML 6Page - OKI electronic componets MSM7728 Datasheet HTML 7Page - OKI electronic componets MSM7728 Datasheet HTML 8Page - OKI electronic componets MSM7728 Datasheet HTML 9Page - OKI electronic componets MSM7728 Datasheet HTML 10Page - OKI electronic componets MSM7728 Datasheet HTML 11Page - OKI electronic componets MSM7728 Datasheet HTML 12Page - OKI electronic componets MSM7728 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
¡ Semiconductor
MSM7728
9/23
RECOMMENDED OPERATING CONDITIONS (Continued)
Parameter
CDIN Setup Time
CDIN Hold Time
Analog Input Allowable DC Offset
Allowable Jitter Width
Symbol
tCDS
tCDH
Voff
Condition
See Fig.2
See Fig.2
Transmit gain stage, Gain = 0 dB
SYNC, BCLK
Transmit gain stage, Gain = 20 dB
Min.
50
50
–100
–10
Typ.
Max.
+100
1000
+10
Unit
ns
mV
ns
mV
RDN Timing
tRD1
tRD2
DCLKÆRDNL, See Fig.2
RDNLÆDCLK, See Fig.2
50
50
ns
tRD3
DCLKÆRDNH, See Fig.2
50
tRD4
RDNHÆDCLK, See Fig.2
50
PRDN
9DCLK
RDN Period
ns
PCM Data Output Delay Time
tSD
tXD1
tXD2
tXD3
20
20
20
20
100
100
100
100
ns
CL = 50 pF + 1 LSTTL
Pull-up resistor = 500 W
tCD1
50
tCD2
50
Control Data Output Delay Time
ns


Similar Part No. - MSM7728

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7702 OKI-MSM7702 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7702-01MS-K OKI-MSM7702-01MS-K Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7702-02 OKI-MSM7702-02 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7702-03 OKI-MSM7702-03 Datasheet
129Kb / 17P
   Single Rail CODEC
More results

Similar Description - MSM7728

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
   Single Rail Linear CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
   Single Rail Linear CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
   Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
   Single Rail CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
   Single Rail CODEC
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
   Single Rail CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
   Single Rail CODEC
logo
OKI electronic componet...
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
   Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com