Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC03A Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT73LC03A
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC03A Datasheet(HTML) 2 Page - Exar Corporation

  XRT73LC03A Datasheet HTML 1Page - Exar Corporation XRT73LC03A Datasheet HTML 2Page - Exar Corporation XRT73LC03A Datasheet HTML 3Page - Exar Corporation XRT73LC03A Datasheet HTML 4Page - Exar Corporation XRT73LC03A Datasheet HTML 5Page - Exar Corporation XRT73LC03A Datasheet HTML 6Page - Exar Corporation XRT73LC03A Datasheet HTML 7Page - Exar Corporation XRT73LC03A Datasheet HTML 8Page - Exar Corporation XRT73LC03A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
XRT73LC03A
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 1.0.1
2
TYPICAL APPLICATIONS
TRANSMIT INTERFACE CHARACTERISTICS:
• Accepts either Single-Rail or Dual-Rail data from
Terminal Equipment and generates a bipolar signal
from the line
• Integrated Pulse Shaping Circuit
• Built-in B3ZS/HDB3 Encoder (which can be dis-
abled)
• Contains Transmit Clock Duty Cycle Correction Cir-
cuit on-chip
• Generates pulses that comply with the ITU-T G.703
pulse template (E3 applications)
• Generates pulses that comply with the DSX-3 pulse
template as specified in Bellcore GR-499-CORE
and ANSI T1.102_1993
• Generates pulses that comply with the STSX-1
pulse template as specified in Bellcore GR-253-
CORE
• Transmitter can be turned off in order to support
redundancy designs
RECEIVE INTERFACE CHARACTERISTICS:
• Integrated Adaptive Receive Equalization (optional)
and Timing Recovery
• Declares and Clears the LOS defect per ITU-T
G.775 requirements (E3 and DS3 applications)
• Meets Jitter Tolerance Requirements as specified in
ITU-T G.823_1993 (E3 Applications)
• Meets Jitter Tolerance Requirements as specified in
Bellcore GR-499-CORE (DS3 Applications)
• Declares Loss of Signal (LOS) and Loss of Lock
(LOL) Alarms
• Built-in B3ZS/HDB3 Decoder (which can be dis-
abled)
• Recovered Data can be muted while the LOS Con-
dition is declared
• Outputs either Single-Rail or Dual-Rail data to the
Terminal Equipment
• Receiver can be powered down in order to con-
serve power in redundancy designs
FIGURE 2. MULTICHANNEL ATM APPLICATION
ATM
Switch/
SAR
XRT74L73
RPOS
RNEG
RxLineClk
XRT71D03
XRT73LC03
RRPOS
RRNEG
RRClk
RPOS
RNEG
RxClk
RPOS
RNEG
RxClk
RTIP
RRing
TTIP
TRing
TPOS
TNEG
TxLineClk
MClk
TPOS
TNEG
TxClk
3 Channel E3/DS3 ATM UNI
3 Channel E3/DS3 J/A
3 Channel E3/DS3 LIU
FIGURE 3. MULTISERVICE - FRAME RELAY APPLICATION
Frame
Relay
XRT72L56
RPOS
RNEG
RxLineClk
XRT71D03
XRT73LC03
RRPOS
RRNEG
RRClk
RPOS
RNEG
RxClk
RPOS
RNEG
RxClk
RTIP
RRing
TTIP
TRing
TPOS
TNEG
TxLineClk
MClk
TPOS
TNEG
TxClk
6 Channel E3/DS3 Framer
2 x 3 Channel E3/DS3 J/A
2 x 3 Channel E3/DS3 LIU


Similar Part No. - XRT73LC03A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC03A EXAR-XRT73LC03A Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03AIV EXAR-XRT73LC03AIV Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC03A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com