Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT73LC03AIV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT73LC03AIV
Description  3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC03AIV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT73LC03AIV Datasheet HTML 3Page - Exar Corporation XRT73LC03AIV Datasheet HTML 4Page - Exar Corporation XRT73LC03AIV Datasheet HTML 5Page - Exar Corporation XRT73LC03AIV Datasheet HTML 6Page - Exar Corporation XRT73LC03AIV Datasheet HTML 7Page - Exar Corporation XRT73LC03AIV Datasheet HTML 8Page - Exar Corporation XRT73LC03AIV Datasheet HTML 9Page - Exar Corporation XRT73LC03AIV Datasheet HTML 10Page - Exar Corporation XRT73LC03AIV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
XRT73LC03A
3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
REV. 1.0.1
5
35
8
9
TxLEV_0
TxLEV_1
TxLEV_2
I
Transmit Line Build-Out Enable/Disable Select - Channel (n):
This input pin permits the Transmit Line Build-Out circuit within Channel
(n) to be enabled or disabled. In E3 mode, this pin has no effect on the
transmit pulse shape.
Setting this pin to "High" disables the Line Build-Out circuit. In this
mode, Channel (n) outputs partially-shaped pulses onto the line via the
TTIP_(n) and TRing_(n) output pins.
Setting this pin to "Low" enables the Line Build-Out circuit within Chan-
nel (n). In this mode, Channel (n) outputs shaped pulses onto the line
via the TTIP_(n) and TRing_(n) output pins.
To comply with the Isolated DSX-3/STSX-1 Pulse Template Require-
ments per Bellcore GR-499-CORE or Bellcore GR-253-CORE:
a. Set this input pin to "1" if the cable length between the Cross-
Connect and the transmit output of Channel (n) is greater than
225 feet.
b. Set this input pin to "0" if the cable length between the Cross-
Connect and the transmit output of Channel (n) is less than 225
feet.
This pin is active only if the following two conditions are true:
a. The XRT73LC03A is configured to operate in either the DS3 or
SONET STS-1 Modes.
b. The XRT73LC03A is configured to operate in the Hardware
Mode.
NOTE: This pin to should be tied to GND if the XRT73LC03A is going to
be operating in the HOST Mode, (internally pulled-down).
117
116
115
TxOFF_0
TxOFF_1
TxOFF_2
I
Transmitter OFF Input - Channel (n):
Setting this input pin "High" turns off all of the Transmitter Sections. In
this mode the TTIP and TRing outputs are tri-stated.
NOTES:
1. This input pin controls the TTIP and TRing outputs even when
the XRT73LC03A is operating in the HOST Mode.
2. For HOST Mode Operation, this pin is tied to GND if the Trans-
mitter is intended to be turned off via the Microprocessor Serial
Interface.
TRANSMIT INTERFACE
PIN #NAME
TYPE
DESCRIPTION


Similar Part No. - XRT73LC03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC03AIV EXAR-XRT73LC03AIV Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC03AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73L03A EXAR-XRT73L03A Datasheet
837Kb / 62P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC03A EXAR-XRT73LC03A_08 Datasheet
413Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73L03B EXAR-XRT73L03B Datasheet
667Kb / 61P
   3 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT73LC00 EXAR-XRT73LC00 Datasheet
336Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
   E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
   4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com