Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS38054 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS38054
Description  TMS38054 RING INTERFACE DEVICE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS38054 Datasheet(HTML) 4 Page - Texas Instruments

  TMS38054 Datasheet HTML 1Page - Texas Instruments TMS38054 Datasheet HTML 2Page - Texas Instruments TMS38054 Datasheet HTML 3Page - Texas Instruments TMS38054 Datasheet HTML 4Page - Texas Instruments TMS38054 Datasheet HTML 5Page - Texas Instruments TMS38054 Datasheet HTML 6Page - Texas Instruments TMS38054 Datasheet HTML 7Page - Texas Instruments TMS38054 Datasheet HTML 8Page - Texas Instruments TMS38054 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TMS38054
RING INTERFACE DEVICE
SPWS008C – APRIL 1991 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O/E†
TYPE‡
DESCRIPTION
NAME
NO.
I/O/E†
TYPE‡
DESCRIPTION
SPSW
7
I
T
Speed switch. SPSW specifies the token-ring data rate.
High = 4-Mbps data rate
Low = 16-Mbps data rate
STERES
16
E
N
Static timing error resistor. STERES allows connection to an external resistor for adjusting the
static-timing error.
VCCA1§
11
Positive supply voltage for VCO and filter input
VCCA2§
41
Positive supply voltage for receiver circuits
VCCB§
4
Positive supply voltage for input and output buffers
VCCD§
21, 33
Positive supply voltage for digital circuits (5 V)
VCOGAN
9
E
N
VCO gain resistor. VCOGAN allows connection to an external resistor for setting the VCO gain.
WDTCAP
25
E
N
Watchdog timer capacitor. WDTCAP allows connection to an external capacitor, which sets the
watchdog-timeout period.
WFLT
26
O
T
Phantom-wire-fault. WFLT provides an indication of the presence of a short circuit or open on
PHOUTA or PHOUTB.
High = No fault
Low = Open or short
WRAP
36
I
T
Internal-wrap mode control. WRAP allows the TMS38054 to be placed in the loopback-wrap
mode for adapter self test.
High = Normal ring operation
Low = Transmit data drives the receive data.
XTAL
23
I
T
Crystal-oscillator input. XTAL (normally externally gated by FRAQ) is used to synchronize the
PLL. XTAL is 32 MHz for 16-Mbps ring, and 8 MHz for 4-Mbps ring.
† I = input, O = output, E = provides external component connection to the internal circuitry for tuning
‡ T = TTL signal, N = non-TTL signal, D = differential drive or data
§ These terminals should be connected to a single power or ground plane as appropriate.


Similar Part No. - TMS38054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS380C26 TI1-TMS380C26 Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380C26PQL TI1-TMS380C26PQL Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380SRA TI1-TMS380SRA Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
TMS380SRAFNL TI1-TMS380SRAFNL Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
More results

Similar Description - TMS38054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C60 TI1-TI380C60 Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
TI380C60A TI-TI380C60A Datasheet
227Kb / 16P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
logo
PHOENIX CONTACT
2701419 PHOENIX-2701419 Datasheet
74Kb / 5P
   Device Level Ring (DLR)
logo
Datatronic Distribution...
NT802-050 DATATRONICS-NT802-050 Datasheet
85Kb / 1P
   Token Ring Interface Module
NT802-051 DATATRONICS-NT802-051 Datasheet
101Kb / 1P
   Token Ring Interface Module
NT802-061 DATATRONICS-NT802-061 Datasheet
81Kb / 1P
   Token Ring Interface Module
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-032 DATATRONICS-NT802-032 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-041 DATATRONICS-NT802-041 Datasheet
64Kb / 1P
   Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7088 PCA-EPT7088 Datasheet
52Kb / 2P
   Token Ring Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com