Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS38054FNLR Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS38054FNLR
Description  TMS38054 RING INTERFACE DEVICE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS38054FNLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS38054FNLR Datasheet HTML 3Page - Texas Instruments TMS38054FNLR Datasheet HTML 4Page - Texas Instruments TMS38054FNLR Datasheet HTML 5Page - Texas Instruments TMS38054FNLR Datasheet HTML 6Page - Texas Instruments TMS38054FNLR Datasheet HTML 7Page - Texas Instruments TMS38054FNLR Datasheet HTML 8Page - Texas Instruments TMS38054FNLR Datasheet HTML 9Page - Texas Instruments TMS38054FNLR Datasheet HTML 10Page - Texas Instruments TMS38054FNLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TMS38054
RING INTERFACE DEVICE
SPWS008C – APRIL 1991 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
watchdog timer
The watchdog timer provides protection against a failed adapter remaining on the ring. NSRT must be toggled
low or the watchdog timer turns off the phantom drive. The period of the watchdog timer is determined by the
value of the external capacitor connected to WDTCAP. The capacitor is chosen to give a period of 21 ms
minimum and 50 ms maximum. This assures compatibility with a system that toggles NSRT at a rate faster than
once every 20 ms and assures deinsertion from the ring within 50 ms of the last NSRT high-to-low transition.
The duty cycle of NSRT is not critical. Phantom drive is turned on following a falling NSRT edge. Deinsertion
occurs if NSRT is left high or low or if the internal-wrap mode is selected from WRAP. The following describes
the operation of the watchdog timer and indicates the priorities of the control signals:
D WRAP is low (internal mode selected):
Phantom drive is off. Operation of the watchdog timer is not defined but can continue, and if the timer
has not expired, taking WRAP high can result in the phantom drive being turned on.
D WRAP is high:
If the timing capacitor is connected and NSRT goes from high to low, the timing capacitor is charged or
recharged to a defined level. Phantom drive is on and discharging of the timing capacitor continues.
If the timing capacitor is connected and NSRT goes from low to high, there is no effect on the watchdog
timer and the discharging of the timing capacitor continues.
If the timing capacitor is connected and the capacitor discharges to a defined level, the phantom drive is
turned off regardless of the state of WRAP.
If the timing capacitor is not connected and the timing capacitor pin is held to VCC + 0.5 V, the phantom
drive is controlled directly by NSRT. This serves to disable the watchdog-timer function.
voltage regulator
The internal voltage regulator is used to make the performance of the TMS38054 less dependent on the supply
voltage. The regulator consists of a band-gap reference scaled up to a nominal 3.9 V with a temperature
coefficient designed to compensate for coefficients in circuits referenced to the voltage regulator.
PLL/clock recovery
The TMS38054 contains a PLL for recovering a data clock from the received bit stream. The elements of PLL
are: phase and frequency detectors, a charge pump, an external filter (connected to FILTER), a filter buffer, a
voltage-to-current converter, and a voltage-controlled oscillator (VCO). There are three pins on the TMS38054
that allow connection to external components and tuning of the characteristics of the PLL. These pins are
FILTER, STERES, and VCOGAN. Figure 2 illustrates these blocks. The following paragraphs describe the PLL
elements.


Similar Part No. - TMS38054FNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS380C26 TI1-TMS380C26 Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380C26PQL TI1-TMS380C26PQL Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380SRA TI1-TMS380SRA Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
TMS380SRAFNL TI1-TMS380SRAFNL Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
More results

Similar Description - TMS38054FNLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C60 TI1-TI380C60 Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
TI380C60A TI-TI380C60A Datasheet
227Kb / 16P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
logo
PHOENIX CONTACT
2701419 PHOENIX-2701419 Datasheet
74Kb / 5P
   Device Level Ring (DLR)
logo
Datatronic Distribution...
NT802-050 DATATRONICS-NT802-050 Datasheet
85Kb / 1P
   Token Ring Interface Module
NT802-051 DATATRONICS-NT802-051 Datasheet
101Kb / 1P
   Token Ring Interface Module
NT802-061 DATATRONICS-NT802-061 Datasheet
81Kb / 1P
   Token Ring Interface Module
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-032 DATATRONICS-NT802-032 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-041 DATATRONICS-NT802-041 Datasheet
64Kb / 1P
   Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7088 PCA-EPT7088 Datasheet
52Kb / 2P
   Token Ring Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com