Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS38054PBGL Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS38054PBGL
Description  TMS38054 RING INTERFACE DEVICE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS38054PBGL Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS38054PBGL Datasheet HTML 6Page - Texas Instruments TMS38054PBGL Datasheet HTML 7Page - Texas Instruments TMS38054PBGL Datasheet HTML 8Page - Texas Instruments TMS38054PBGL Datasheet HTML 9Page - Texas Instruments TMS38054PBGL Datasheet HTML 10Page - Texas Instruments TMS38054PBGL Datasheet HTML 11Page - Texas Instruments TMS38054PBGL Datasheet HTML 12Page - Texas Instruments TMS38054PBGL Datasheet HTML 13Page - Texas Instruments TMS38054PBGL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TMS38054
RING INTERFACE DEVICE
SPWS008C – APRIL 1991 – REVISED MAY 1997
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
external filter (continued)
The simplified equations for the PLL are:
VCO gain
Ko
+ (G
o) 10
6 (2
p)(F)
rad/(s
• v)
(1)
Phase-detector gain
K
d
+
G
d (10
3
)(31.25)(10*9)
2
p
A/rad
PLL-noise-equivalent bandwidth
B
L
+
(Ko) K
d (R5 in ohms)
4
Hz
Where:
Go = the VCO gain measured in MHz/V
Gd = phase-detector gain measured in µA/ns
F
= the frequency divider factor; i.e., F = 1 for 16-Mbps operation
F = 0.25 for 4-Mbps operation
These equations are only a guide and the actual bandwidth and PLL-damping characteristics should be
obtained through correlation and modeling on specific hardware implementations that take into effect all circuit
card parasitics. Both 16-Mbps and 4-Mbps ring operation can be achieved by suitable selection of glue
components at each frequency. More information on PLL characteristics are found in:
D Gardner, Floyd, Phase Lock Techniques, John Wiley & Sons, 1979.
D Token Ring Access Method and Physical Layer Specification, ANSI/IEEE/ISO/IEC Standard 802.5:1992.
D Gardner, Floyd, “Charge-Pump Phase-Locked Loops”, IEEE Transaction Communications, Vol. COM–28,
pp. 1849–1858, Nov. 1980
.
filter buffer and voltage-to-current converter (V/I)
The filter-buffer amplifier is a unity-gain amplifier used to buffer the voltage present at FILTER with minimal
leakage current. The output of the filter buffer drives a voltage-current (V/I) converter that produces equal
currents, proportional to the filter voltage, for use in the VCO. The current level or constant of proportionality
is set by the external resistor connected to ground connected at VCOGAN. This resistor sets the VCO gain,
which is critical to loop gain and damping. The filter voltage range over which the current level tracks the voltage
determines the pull-in range of the VCO.
VCO
The VCO is an emitter-coupled astable multivibrator. The frequency is set by internal circuit parameters, the
currents from the filter buffer, and an internal VCO timing capacitor. Symmetrical circuit design helps ensure
symmetry of the VCO output, which has a nominal frequency of 32 MHz. The VCO output is buffered and sent
to the divider (for 4-Mbps operation) and multiplexer circuit.
divider and multiplexer
The multiplexer selects the source of the recovered clock, which can be either the direct output of the VCO
(nominally a 32-MHz signal) or the divided version of the VCO output (nominally an 8-MHz signal) for 16- or
4-Mbps operation. The output clock of the VCO is fed to a divide-by-4 circuit and to a multiplexer. The divider
is enabled when SPSW is high. The recovered clock is passed to frequency and phase detectors, the clock of
the data latch, and is buffered at RCLK and passed on to the ’380C2x commprocessor for processing of the
received data.


Similar Part No. - TMS38054PBGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS380C26 TI1-TMS380C26 Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380C26PQL TI1-TMS380C26PQL Datasheet
1Mb / 92P
[Old version datasheet]   NETWORK COMMPROCESSOR
TMS380SRA TI1-TMS380SRA Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
TMS380SRAFNL TI1-TMS380SRAFNL Datasheet
165Kb / 11P
[Old version datasheet]   SOURCE-ROUTING ACCELERATOR
More results

Similar Description - TMS38054PBGL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TI380C60 TI1-TI380C60 Datasheet
235Kb / 15P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
TI380C60A TI-TI380C60A Datasheet
227Kb / 16P
[Old version datasheet]   CMOS TOKEN-RING INTERFACE DEVICE
logo
PHOENIX CONTACT
2701419 PHOENIX-2701419 Datasheet
74Kb / 5P
   Device Level Ring (DLR)
logo
Datatronic Distribution...
NT802-050 DATATRONICS-NT802-050 Datasheet
85Kb / 1P
   Token Ring Interface Module
NT802-051 DATATRONICS-NT802-051 Datasheet
101Kb / 1P
   Token Ring Interface Module
NT802-061 DATATRONICS-NT802-061 Datasheet
81Kb / 1P
   Token Ring Interface Module
NT802-031 DATATRONICS-NT802-031 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-032 DATATRONICS-NT802-032 Datasheet
71Kb / 1P
   Token Ring Interface Module
NT802-041 DATATRONICS-NT802-041 Datasheet
64Kb / 1P
   Token Ring Interface Module
logo
PCA ELECTRONICS INC.
EPT7088 PCA-EPT7088 Datasheet
52Kb / 2P
   Token Ring Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com