Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51020DBTR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51020DBTR
Description  DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51020DBTR Datasheet(HTML) 4 Page - Texas Instruments

  TPS51020DBTR Datasheet HTML 1Page - Texas Instruments TPS51020DBTR Datasheet HTML 2Page - Texas Instruments TPS51020DBTR Datasheet HTML 3Page - Texas Instruments TPS51020DBTR Datasheet HTML 4Page - Texas Instruments TPS51020DBTR Datasheet HTML 5Page - Texas Instruments TPS51020DBTR Datasheet HTML 6Page - Texas Instruments TPS51020DBTR Datasheet HTML 7Page - Texas Instruments TPS51020DBTR Datasheet HTML 8Page - Texas Instruments TPS51020DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS51020
SLUS564B − JULY 2003 − REVISED DECEMBER 2003
4
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TA = −40°C to 85°C, 4.5 V < VIN < 20 V, CVIN = 0.1 µF, CVREG5 = 2.2 µF, CREF_X = 0.01 µF, PGOOD = 0.2 V, ENBLx = DDR = VIN,
INVx = COMPx, RSSTRTx = OPEN, TRIP1 = TRIP2 = VIN, LLx = GND, VBSTx = LLx+5, C(OUTx_U, OUTx_D)=1 nF, REG5_IN = 0V, GND =
OUTGNDx = 0 V, VO1_VDDQ = VO2 = 0 V (unless otherwise stated)
PARAMETER
UNIT
MAX
TYP
MIN
TEST CONDITIONS
REF_X REFERENCE VOLTAGE
VREF10
10-V reference voltage
VIN = 14 V,
IOUT = 0 A
8.5
10.0
11.0
V
VLD10
Load regulation
0 mA
≤ IOUT ≤ 2 mA,
VIN = 18 V
-12%
-20%
VLN10
Line regulation
IOUT = 100 µA,
14 V
≤VIN ≤28 V
5%
VREFVTT
VTT reference voltage
DDR = 0 V wrt VO1_VDDQ input divided by 2
VVO1 = 2.5 V
1.5%
VREFVTT
VTT reference load regulation
0 mA
≤ IO ≤ 3 mA
0.75%
POWERGOOD COMPARATORS
VTHDUAL(PG) PGOOD threshold (dual mode)
Undervoltage PGOOD
765
786
808
mV
VTHDUAL(PG) PGOOD threshold (dual mode)
Overvoltage PGOOD
892
920
945
mV
VTHDDR(PG) PGOOD threshold (DDR)
Undervoltage PGOOD,
VO1_VDDQ = 2.5 V
1.12
1.14
1.16
V
VTHDDR(PG) PGOOD threshold (DDR)
Overvoltage PGOOD,
VO1_VDDQ = 2.5 V
1.28
1.31
1.33
V
TPG(del)
PGOOD delay time
INVx > undervoltage PGOOD,
Delay time from SSTRTx > 1.5 V to PGOOD
going high
2048
clks
DIGITAL CONTROL INPUTS
VIH
High-level input voltage, logic
DDR, ENBL1, ENBL2, SKIP
2.2
V
VIL
Low-level input voltage, logic
DDR, ENBL1, ENBL2, SKIP
0.3
V
IINLEAK
Logic input leakage current
DDR, ENBL1, ENBL2, SKIP= 5 V
|1.0|
µA
VO1_VDDQ and VO2
RVOUT
VOx sink impedance
VVOUTx = 0.5 V,
fault engaged
6
10
VVOUTOK
VOx low restart voltage
Fault condition removed, restart
0.25
0.32
0.40
V
VVO2LEAK
VOx input leakage current
DDR= VIN,
VOx = 5 V
|1.0|
µA
RVOUT
VO1_VDDQ input impedance
DDR= 0
1.5
M
UNDERVOLTAGE AND OVERVOLTAGE PROTECTION
VOVPDUAL
OVP trip output threshold (dual)
Sensed at INVx
945
970
1010
mV
VOVPDDR
OVP trip output threshold (DDR)
VO1_VDDQ = 2.5 V
1.31
1.36
1.41
V
TOVP(del)
OVP propagation delay time(1)
20
µs
VUVPDUAL
UVP trip output threshold (dual)
Sensed at INVx
510
553
595
mV
VUVPDDR
UVP trip output threshold (DDR)
VO1_VDDQ = 2.5 V
750
813
875
mV
TUVP(del)
UVP propagation delay time
4096
clks
OVERCURRENT and INPUT VOLTAGE UVLO PROTECTION
ITRIPSNK
TRIPx sink current
VTRIPx = VIN − 100 mV,
TA = 25°C
11
13
15
A
ITRIPSRC
TRIPx source current
VTRIPx = 100 mV,
TA = 25°C
10
13
16
µA
TCITRIP
TRIP current temperature coeficient(1)
TA = 25°C
4200
ppm/
°C
VOCPHI
High-level OCP comparator offset voltage(1)
0
|3.0|
mV
VOCPLO
Low-level OCP comparator offset voltage(1)
0
|5.0|
mV
VVINUVLO
VIN UVLO trip threshold
REF5V_IN = 4.8 V
3.7
3.9
4.1
V
VVINHYS
VIN UVLO trip hysteresis
100
200
300
mV


Similar Part No. - TPS51020DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102DBT TI-TPS5102DBT Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBT TI1-TPS5102IDBT Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTG4 TI1-TPS5102IDBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTR TI1-TPS5102IDBTR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
More results

Similar Description - TPS51020DBTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com