Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF2436 Datasheet(PDF) 2 Page - Texas Instruments

Part # TRF2436
Description  High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF2436 Datasheet(HTML) 2 Page - Texas Instruments

  TRF2436 Datasheet HTML 1Page - Texas Instruments TRF2436 Datasheet HTML 2Page - Texas Instruments TRF2436 Datasheet HTML 3Page - Texas Instruments TRF2436 Datasheet HTML 4Page - Texas Instruments TRF2436 Datasheet HTML 5Page - Texas Instruments TRF2436 Datasheet HTML 6Page - Texas Instruments TRF2436 Datasheet HTML 7Page - Texas Instruments TRF2436 Datasheet HTML 8Page - Texas Instruments TRF2436 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
DESCRIPTION
BPF
BPF
T/R
T/R
T/R
T/R
A/B
A/B
ABSEL
TR
RXGC
RFANTA
RFANTB
IF
LO
DET
V+
2
PA
PA
T/R
PA
V+
V+
MXA
MXB
RFB
RFA
2
2
PABCA
PABCB
DEVICE INFORMATION
TRF2436
SLWS176 – APRIL 2005
The TRF2436 is a fully integrated Dual Band Tri Mode Radio Frequency Front End (RFFE) designed specifically
for use in 802.11 a/b/g applications. The TRF2436 is designed to perform RF up and down conversions in the
unlicensed ISM and 4.9-5.9 GHz bands. The TRF2436 uses a common IF frequency for both bands, eliminating
the need for additional IF filtering. Combined with the TI TRF2432 IF/IQ Transceiver/Synthesizer, the TRF2436
completes the TI WLAN two-chip radio.
The TRF2436 incorporates all of the RF blocks for both the “b/g” and “a” bands except for low cost ceramic
filters. The ASIC includes LNAs, PAs, mixers, bias circuitry, RX gain control, transmit coupler detectors, and T/R
switches. High integration and internal RF matching enhances performance and greatly reduce external part
count. The only external components needed (other than simple passives) for operation are RF filters and
external low power DC switching FETs.
Functional Block Diagram
TERMINAL FUNCTIONS
TERMINAL
I/O
TYPE
DESCRIPTION
NAME
NO.
MXB
1
I/O
RF SE
B band RF Input/Output to mixer. 50-
Ω single ended. Do not apply DC.
ABSEL
2
I
Digital
Band select pin. HIGH = A-band. LOW = B-band.
V+LOB
3
I
Power
B band LO amplifier bias +3.3V
RSVD1
4
-
-
Not connected for normal operation. Leave Open.
LOP
5
I
RF Dif.
LO input (differential) Positive, AC coupled
LON
6
I
RF Dif.
LO input (differential) Negative, AC coupled
IFP
7
I/O
RF Dif.
IF input/output (differential) Positive, DC coupled, typical DC Voltage is 2.6V
IFN
8
I/O
RF Dif.
IF input/output(differential) Negative, DC coupled, typical DC Voltage is 2.6V
MXA
9
I/O
RF SE
A band RF Input/Output to mixer. 50-
Ω single ended. Do not apply DC.
2


Similar Part No. - TRF2436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436IRTBR TI-TRF2436IRTBR Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436IRTBRG4 TI-TRF2436IRTBRG4 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436IRTBT TI-TRF2436IRTBT Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
TRF2436IRTBTG4 TI-TRF2436IRTBTG4 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
More results

Similar Description - TRF2436

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
[Old version datasheet]   High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
   2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Microchip Technology
SST13LP05 MICROCHIP-SST13LP05 Datasheet
424Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
2012
logo
Silicon Storage Technol...
SST13LP05 SST-SST13LP05 Datasheet
945Kb / 24P
   2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier Module
logo
Analog Devices
ADRF5545A AD-ADRF5545A Datasheet
810Kb / 20P
   Dual-Channel, 2.4 GHz to 4.2 GHz Receiver Front End
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com