Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5994 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5994
Description  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5994 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5994 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5994 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5994
No.8035-3/4
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
VCE(sat) -- IC
A S O
VBE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
0
1.4
0.6
0.8
1.0
1.2
1.3
0.4
0.2
20
060
40
80
100
140
120
160
PC -- Ta
IT07596
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(450mm
2!
0.8mm)
1.0
0.1
0.01
7
5
3
27
5
3
23
2
IT07593
0.01
0.1
2
3
5
7
2
3
5
7
5
3
2
10
5
7
0.1
37
25
3
7
7
25
3
2
1.0
10
5
IT07591
f=1MHz
0.1
2
3
5
7
2
3
5
0.01
0.01
0.1
23
5
7
2
3
5
7
2
3
1.0
Ta=75
°C
--25
°C
IT07592
IC / IB=20
25
°C
IT07595
2
3
5
7
2
3
5
7
2
3
5
7
1.0
10
0.1
0.01
23
5
7
0.1
1.0
23
5
7 10
23
5
7 100
DC
operation
10ms
ICP=4A
IC=2A
1ms
3
1.0
3
0.01
0.1
1.0
Ta= --25°C
25°C
75°C
2
7
5
23
5
7
2
3
23
5
7
IC / IB=20
IT07594
Ta=75
°C
25
°C
--25
°C
7
100
1000
7
5
3
2
5
0.01
3
25
0.1
73
25
7
2
3
1.0
7
100
1000
7
5
3
2
3
5
0.01
3
25
0.1
73
25
7
2
3
1.0
VCE=2V
IT07589
IT07590
VCE=10V
IC / IB=50
Ta=75
°C
--25
°C
25°
C
100ms
<10µs
Tc=25
°C
Single Pulse


Similar Part No. - 2SC5994

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994 ONSEMI-2SC5994 Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994 ONSEMI-2SC5994 Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
294Kb / 5P
   Bipolar Transistor
April 2016 - Rev. 2
More results

Similar Description - 2SC5994

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5979 SANYO-2SC5979 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6094 SANYO-2SC6094 Datasheet
43Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3246 SANYO-CPH3246 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH3247 SANYO-CPH3247 Datasheet
41Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6097 SANYO-2SC6097 Datasheet
46Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6071 SANYO-2SC6071 Datasheet
42Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC5980 SANYO-2SC5980 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
CPH5517 SANYO-CPH5517 Datasheet
49Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
2SC6044 SANYO-2SC6044 Datasheet
44Kb / 4P
   NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com