Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA551 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FA551
Description  CMOS IC For Switching Power Supply Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA551 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FA551 Datasheet HTML 7Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 8Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 9Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 10Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 11Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 12Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 13Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 14Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FA551X
11
3.2 Overload shutdown function
Figure 9 shows the overload shutdown circuit, and Figure 10 is
a timing chart that illustrates overload shutdown operation.
If the output voltage drops due to an overload or short circuit,
the FB pin output voltage rises. If the FB pin voltage exceeds
the reference voltage (3.5V) of comparator C3, the output of
comparator C3 goes low to turn off the switch. With the switch
off, the CS pin voltage clamped at 4.0V by zener diode in
normal operation is unclamped, and the constant current
source (5.2µA) begins to charge capacitor Cs again and the CS
pin voltage rises. When the CS pin voltage exceeds the
reference voltage (8.5V) of comparator C2, the output of
comparator C2 toggles to turn off the 5V REF circuit. The IC
then enters the latched mode and shuts down the output. IC
current consumption for shutdown is 45µA (typ) (Vcc=10V).
This current must be supplied through the startup resistor. The
IC enters output off (low voltage) state.
The overload shutdown operation can be reset by lowering the
supply voltage Vcc to below the OFF threshold voltage (9.0V)
or forcing the CS pin voltage below 7.9V.
The period tOL from the time the output is short-circuited to the
time the output circuit goes off is given by the following
equation:
When you want to disable the overload shutdown function, see
item 9 in “Design advice”
3.3 Output ON/OFF control function
The IC can be turned on or off via an external signal applied to
the CS pin. Figure 11 shows the output on/off control circuit,
and Figure 12 is a timing chart. The IC is turned off when the
CS pin voltage is externally made to drop below 0.68V (typ).
The output of comparator C1 goes high to turn the 5V REF
circuit off. This shuts the output down. The IC enters output off
(low voltage) state. Required IC current consumption during
shutdown is 80µA (typ) (Vcc=17V). This current must be
supplied through the startup resistor. The IC goes on when the
CS pin is opened and the CS pin voltage exceeds 0.80V (typ).
This turns the 5V REF circuit on and results in automatic soft
start. The power supply then restarts operation.
Fig. 9
Overload shutdown circuit
PWM
Output
circuit
UVLO
REF
RT
CS
FB
VCC
OSC
5V VCC
ENB
5V REF
4V
0.8/0.68V
8.5/7.9V
5.2
µA
DMAX
Cs
C3
3.5V
8
6
1
2
7
C1
C2
Comparator C2
reference voltage
(8.5V)
CS pin voltage
DT voltage
Oscillator output
OUT pin voltage
REF pin voltage
FB pin voltage
(4V)
(9.5V)
H
L
ON
OFF
Overload detection
Overload shutdown
(0V)
Fig. 10
Overload shutdown timing chart
Fig. 11
External output ON/OFF control circuit
Fig. 12
Output ON/OFF control circuit timing chart
PWM
Output
circuit
UVLO
REF
RT
CS
FB
VCC
OSC
5V VCC
ENB
5V REF
0.8/0.68V
8.5/7.9V
5.2
µA
DMAX
Cs
8
6
1
2
7
C1
C2
ON/OFF control
CS pin voltage
DT voltage
Oscillator output
OUT pin output
REF pin voltage
FB pin voltage
(4V)
H
L
ON
OFF
ON mode
OFF mode
Comparator C1
reference voltage
(0.8/0.68V)
..................................................... (4)
Cs: Soft start capacitor [µF]
tOL [ms]
870
CS [ms]


Similar Part No. - FA551

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5510N FUJI-FA5510N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5510P FUJI-FA5510P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5511N FUJI-FA5511N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5511P FUJI-FA5511P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5514N FUJI-FA5514N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
More results

Similar Description - FA551

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com