Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA551 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FA551
Description  CMOS IC For Switching Power Supply Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA551 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FA551 Datasheet HTML 1Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 2Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 3Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 4Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 5Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 6Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 7Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 8Page - List of Unclassifed Manufacturers FA551 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FA551X
4
Overload cutoff circuit section (FB pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Overload threshold voltage (FB pin)
VTH FB
3.2
3.5
3.8
V
Overvoltage cutoff circuit section (VCC pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Overvoltage threshold voltage (VCC pin)
VTH VCC
Tj=25˚C
30
31.8
34
V
Cutoff operating supply current (VCC pin)
IVCC
Tj=25˚C, VCC=VTHVCC
14
mA
Charge current (CS pin)
IS0CS2
VCS=6.5V
–1.4
–0.95
–0.5
mA
Undervoltage lockout circuit section (VCC pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
OFF-to-ON threshold voltage
VCC ON
Tj=25˚C
15.5
16.5
17.5
V
ON-to-OFF threshold voltage
VCC OFF
Tj=25˚C
8.5
9.0
10.0
V
Hysteresis voltage
VHYS
Tj=25˚C
6.8
7.5
8.2
V
Output circuit section (OUT pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Low output voltage
VOL
IOL=100mA
0.7
1.5
V
High output voltage
VOH
IOH=–100mA, VCC=18V
15
16.5
V
Rise time
tr
CL=1nF
40
ns
Fall time
tf
CL=1nF
25
ns
Latch-mode cutoff circuit section (CS pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Sink current (CS pin)
ISICS
VCS=6.5V, VFB=1V, Tj=25˚C
18
30
45
µA
Cutoff threshold voltage (CS pin)
VTH CSF
ON
→OFF, Tj=25˚C
8.0
8.5
9.0
V
VTH CSN
OFF
→ON, Tj=25˚C
7.4
7.9
8.4
V
Hysteresis voltage
VTHHIS
0.6
V
Supply current (VCC pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Stand-by current
ICCSTB
VCC=14V
2
µA
Startup current
ICCST
VCC=OFF-to-ON threshold voltage
12
30
µA
Operating-state supply current
ICCOP
No load
1.5
2.5
mA
OFF-state supply current
ICCOF
VCC=17V, CS=0V
80
200
µA
Latch mode supply current
ICCL
VCC=10V
45
80
µA


Similar Part No. - FA551

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5510N FUJI-FA5510N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5510P FUJI-FA5510P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5511N FUJI-FA5511N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5511P FUJI-FA5511P Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
FA5514N FUJI-FA5514N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
More results

Similar Description - FA551

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com