Electronic Components Datasheet Search |
|
DG308BDJ Datasheet(PDF) 2 Page - Vishay Siliconix |
|
DG308BDJ Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 8 page DG308B/309B Vishay Siliconix www.vishay.com S FaxBack 408-970-5600 4-2 Document Number: 70047 S-52896—Rev. E, 14-Jul-97 ABSOLUTE MAXIMUM RATINGS Voltages Referenced to V– V+ 44 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND 25 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Digital Inputsa VS, VD (V–) –2 V to (V+) +2 V . . . . . . . . . . . . . . . . . . . . . . . . . . or 30 mA, whichever occurs first Current, Any Terminal 30 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Peak Current, S or D (Pulsed at 1 ms, 10% duty cycle max) 100 mA . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature (AK, Suffix) –65 to 150 _C . . . . . . . . . . . . . . . . . (DJ, DY, DQ Suffix) –65 to 125 _C . . . . . . . . . . Power Dissipation (Package)b 16-Pin Plastic DIPc 470 mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16-Pin Narrow SOIC and TSSOPd 640 mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16-Pin CerDIPe 900 mW . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Notes: a. Signals on SX, DX, or INX exceeding V+ or V– will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 6.5 mW/ _C above 75_C d. Derate 7.6 mW/ _C above 75_C e. Derate 12 mW/ _C above 75_C SPECIFICATIONSa Test Conditions Unless Specified A Suffix –55 to 125 _C D Suffix –40 to 85 _C Parameter Symbol V+ = 15 V, V– = –15 V VIN = 11 V, 3.5 Vf Tempb Typc Mind Maxd Mind Maxd Unit Analog Switch Analog Signal Rangee VANALOG Full -15 15 -15 15 V Drain-Source On-Resistance rDS(on) VD = "10 V, IS = 1 mA Room Full 45 85 100 85 100 W rDS(on) Match DrDS(on) DS Room 2 % Source Off Leakage Current IS(off) VS = "14 V, VD = #14 V Room Full "0.01 -0.5 -20 0.5 20 -0.5 –5 0.5 5 A Drain Off Leakage Current ID(off) VD = "14 V, VS = #14 V Room Full "0.01 -0.5 -20 0.5 20 -0.5 –5 0.5 5 nA Drain On Leakage Current ID(on) VS = VD = "14 V Room Full "0.02 -0.5 -40 0.5 40 –0.5 –10 0.5 10 Digital Control Input Voltage High VINH Full 11 11 V Input Voltage Low VINL Full 3.5 3.5 V Input Current IINH or IINL VINH or VINL Full – 1 1 – 1 1 mA Input Capacitance CIN Room 5 pF Dynamic Characteristics Turn-On Time tON VS = 3 V, See Figure 2 Room 200 200 ns Turn-Off Time tOFF VS = 3 V, See Figure 2 Room 150 150 ns Charge Injection Q CL = 1000 pF, Vg= 0 V, Rg = 0 W Room 1 pC Source-Off Capacitance CS(off) VS = 0 V, f = 1 MHz Room 5 F Drain-Off Capacitance CD(off) VS = 0 V, f = 1 MHz Room 5 pF Channel On Capacitance CD(on) VD = VS = 0 V, f = 1 MHz Room 16 Off Isolation OIRR CL = 15 pF, RL = 50 W Room 90 dB Channel-to-Channel Crosstalk XTALK CL = 15 pF, RL = 50 W VS = 1 VRMS, f = 100 kHz Room 95 dB |
Similar Part No. - DG308BDJ |
|
Similar Description - DG308BDJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |