Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG309BDJ Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG309BDJ
Description  Improved Quad CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG309BDJ Datasheet(HTML) 7 Page - Vishay Siliconix

  DG309BDJ Datasheet HTML 1Page - Vishay Siliconix DG309BDJ Datasheet HTML 2Page - Vishay Siliconix DG309BDJ Datasheet HTML 3Page - Vishay Siliconix DG309BDJ Datasheet HTML 4Page - Vishay Siliconix DG309BDJ Datasheet HTML 5Page - Vishay Siliconix DG309BDJ Datasheet HTML 6Page - Vishay Siliconix DG309BDJ Datasheet HTML 7Page - Vishay Siliconix DG309BDJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DG308B/309B
Vishay Siliconix
Document Number: 70047
S-52896—Rev. E, 14-Jul-97
www.vishay.com
S FaxBack 408-970-5600
4-7
APPLICATIONS
LM101A
+15 V
–15 V
30 pF
15 V
–15 V
V+
V–
DG309B
50 pF
1000 pF
J202
J500
J507
+15 V
2N4400
–15 V
VIN
VOUT
1 k
W
200
W
5 M
W
5.1 M
W
Aquisition Time
= 25
ms
Aperature Time
= 1
ms
Sample to Hold Offset
= 5 mV
Droop Rate
= 5 mV/s
Logic Input
Low = Sample
High = Hold
+
FIGURE 7. Sample-and-Hold
TTL
Control
150 pF
1500 pF
+15 V
DG309B
GND
30 pF
LM101A
+15 V
–15 V
Frequency – Hz
1
10
100
1 k
10 k
100 k
1 M
–40
0
160
120
80
fC4
Select
fC3
Select
fC2
Select
fC1
Select
R1 = 10 kW
R2 = 10 kW
R3 = 1 MW
VOUT
V1
V–
C4
C3
C2
C1
AL (Voltage Gain Below Break Frequency) =
= 100 (40 dB)
R3
R1
fC (Break Frequency) =
1
2
pR3CX
1
2
pR1CX
fL (Unity Gain Frequency) =
Max Attenuation =
rDS(on)
10 k
W
[ –40 dB
0.015
mF
0.15
mF
–15 V
+
40
FIGURE 8. Active Low Pass Filter with Digitally Selected Break Frequency
fC1
fC2
fC3
fC4
fL1
fL2
fL3
fL4


Similar Part No. - DG309BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309BDJ VISHAY-DG309BDJ Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG309BDJ VISHAY-DG309BDJ Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG309BDJ-E3 VISHAY-DG309BDJ-E3 Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG309BDJ-E3 VISHAY-DG309BDJ-E3 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
More results

Similar Description - DG309BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. F, 25-Jun-07
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. G, 28-Feb-11
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
   Improved Quad CMOS Analog Switches
Rev. H, 24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
   Improved Quad CMOS Analog Switches
Rev. H, 11-Jun-07
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
   Improved Quad CMOS Analog Switches
Rev. G, 06-Sep-99
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
   Improved Quad CMOS Analog Switches
Rev. J, 25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
   Improved Quad CMOS Analog Switches
Rev. J, 07-Feb-11
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
   Improved Quad CMOS Analog Switches
08-Feb-17
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
   Improved Quad CMOS Analog Switches
Rev. A, 19-Mar-12
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
   Improved Quad CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com