Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5515N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FA5515N
Description  CMOS IC For Switching Power Supply Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FA5515N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FA5515N Datasheet HTML 1Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 2Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 3Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 4Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 5Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 6Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 7Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 8Page - List of Unclassifed Manufacturers FA5515N Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
FA551X
1
■ Block diagram
FA5510P (N), FA5511P (N)
FA5514P (N), FA5515P (N)
FA551X series
■ Dimensions, mm
SOP-8
FA5510P (N), FA5511P (N)
FA5514P (N), FA5515P (N)
■ Description
The FA551X series are the PWM type switching power supply
control ICs that can directly drive power MOSFET. These ICs
use a CMOS device with high dielectric strength (30V) to
implement low power consumption. These ICs contain many
function in a small 8-pin package. With these ICs, a high-
performance and compact power supply can be created
because not many external discrete components are needed.
■ Features
•Low current consumption by CMOS process with high
dielectric strength (30V)
• Standby current of 2µA or less (at Vcc=14V), and operating
current of 1.5mA (typ)
•Overvoltage protection function detecting the Vcc voltage
•A drive circuit for connecting a power MOSFET directly
• Output peak current: ±1.5A
• Pulse-by-pulse overcurrent limiting function
•Overload protection function (latch or non-latch mode selectable)
• Output ON-OFF function by external signal
• Latch-mode overvoltage shutdown function
• Undervoltage lockout function (16.5V ON / 9V OFF)
• Reference voltage output (5V)
• 8-pin package (DIP/SOP)
CMOS IC
For Switching Power Supply Control
4.9
0.4±0.1
1.27
1
4
8
5
DIP-8
1
8
5
4
9.3
7.62
1.5±0.3
0~15˚
0~15˚
0.46±0.1
2.54
0.25
+0.1
–0.05
Type
Max. duty
Polarity of overcurrent Package
cycle (typ.)
detection
FA5510P
46%
+
DIP-8
FA5510N
SOP-8
FA5511P
70%
+
DIP-8
FA5511N
SOP-8
FA5514P
46%
DIP-8
FA5514N
SOP-8
FA5515P
70%
DIP-8
FA5515N
SOP-8
0.8V/0.68V
8.5V/7.9V
5V VCC
ENB
5V REF
3.5V
4V
RT CT
OSC
+0.24V
R
S
QB
Q
ENB
OUT
PUT
16.5V/9V
UVLO
15.5V
15.5V
5.2
µA
0.95mA
PWM
0.8V
Dmax
FA5510: 46%
FA5511: 70%
5V Controlled block
FB
(2)
REF
(7)
CS(8)
VCC(6)
OUT
(5)
GND
(4)
IS+(3)
RT(1)
FF
0.8V/0.68V
8.5V/7.9V
5V VCC
ENB
5V REF
3.5V
4V
RT CT
OSC
-0.17V
R
S
QB
Q
ENB
OUT
PUT
16.5V/9V
UVLO
15.5V
15.5V
5.2
µA
0.95mA
PWM
0.8V
Dmax
FA5514: 46%
FA5515: 70%
5V Controlled block
FB
(2)
REF
(7)
CS(8)
VCC(6)
OUT
(5)
GND
(4)
IS-(3)
RT(1)
FF
Pin Pin
Function
Description
No. symbol
1RT
Oscillator timing
Setting oscillation frequency
resistor
2FBFeedback
Input of PWM comparator
3ISOvercurrent
Input of the overcurrent
detection
limiting function
4
GND
Ground
Ground
5
OUT
Output
Output for driving a power
MOSFET
6
VCC
Power supply
Power supply
7
REF
Reference voltage
Reference voltage output (5V)
8CS
Soft-start and
Soft-start, ON/OFF function and
ON/OFF control
latch-mode shutdown operations


Similar Part No. - FA5515N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5515N FUJI-FA5515N Datasheet
1,023Kb / 23P
   PUJI Power Supply Controllc
More results

Similar Description - FA5515N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com