Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83C43 Datasheet(PDF) 6 Page - Winbond

Part # W83C43
Description  KEYBOARD CONTROLLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83C43 Datasheet(HTML) 6 Page - Winbond

Back Button W83C43 Datasheet HTML 2Page - Winbond W83C43 Datasheet HTML 3Page - Winbond W83C43 Datasheet HTML 4Page - Winbond W83C43 Datasheet HTML 5Page - Winbond W83C43 Datasheet HTML 6Page - Winbond W83C43 Datasheet HTML 7Page - Winbond W83C43 Datasheet HTML 8Page - Winbond W83C43 Datasheet HTML 9Page - Winbond W83C43 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
W83C43
- 6 -
ELECTRICAL CHARACTERISTICS & CAPACITANCE
(Ta = 0
° C to + 70° C, VDD = +5V ± 5%)
SYMBOL
DESCRIPTION
MIN.
TYP.
MAX.
UNIT
NOTE
VDD
Power Supply
4.75
5.0
5.25
V
VIL
Input Low Voltage (except RESET, T0,
T1)
0.8
V
VIL1
Input Low Voltage (RESET, T0, T1)
0.6
V
VIH1
Input High Voltage (except RESET, T0,
T1, P10, P11)
2.0
V
VIH2
Input High Voltage (P10, P11)
3.0
V
VIH3
Input High Voltage (T0, T1, RESET)
3.5
V
VOH1
Output High Voltage (P10
−P13,
P20
−P27)
2.4
V
IOH = -2
mA
VOH2
Output High Voltage (D0
−D7)
2.4
V
IOH = -4
mA
VOL1
Output Low Voltage (P10
−P13,
P20
−P27)
0.4
V
IOL = 2 mA
VOL2
Output Low Voltage (D0
−D7)
0.4
V
IOL = 4 mA
RIP
Min. I/P Resist
10K
IOFL
O/P Leakage Current (D0
−D7, High Z
State)
-10
10
µA
IIH
I/P Leakage Current
-10
10
µA
VDD = 5.5V,
VIN = VDD
IIL
I/P Leakage Current (Except P10, P11,
P14, P15, P16, P17)
-10
10
µA
VDD = 5.5V,
VIN = VSS
IIL1
I/P Leakage Current (P10, P11, P14,
P15, P16, P17)
-10
550
µA
VDD = 5.5V,
VIN = VSS
CL
O/P Load Capacity
15
50
pF
STATUS REGISTER (AT MODE)
The status register is an 8-bit read-only register at I/O address hex 64 that holds information about the
status of the keyboard controller and interface. It may be read at any time.
BIT
BIT FUNCTION
DESCRIPTION
0
Output Buffer Full
0: Output buffer empty
1: Output buffer full
1
Input Buffer Full
0: Input buffer empty
1: Input buffer full


Similar Part No. - W83C43

ManufacturerPart #DatasheetDescription
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
More results

Similar Description - W83C43

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT6880 ETC-NT6880 Datasheet
289Kb / 13P
   Keyboard Controller
logo
Intel Corporation
80C51SL-BG INTEL-80C51SL-BG Datasheet
2Mb / 30P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
NT6868A ETC-NT6868A Datasheet
205Kb / 14P
   Keyboard Controller
NT6868C ETC-NT6868C Datasheet
211Kb / 15P
   Keyboard Controller
logo
Winbond
W83C42 WINBOND-W83C42 Datasheet
92Kb / 15P
   KEYBOARD CONTROLLER
logo
List of Unclassifed Man...
EC3648 ETC1-EC3648 Datasheet
210Kb / 21P
   PS2 KEYBOARD CONTROLLER
VT82C42 ETC-VT82C42 Datasheet
61Kb / 13P
   VT82C42 Keyboard Controller
AU9410 ETC-AU9410 Datasheet
132Kb / 31P
   USB Keyboard Controller
AU9410 ETC1-AU9410_06 Datasheet
651Kb / 24P
   USB Keyboard Controller
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
   USB Keyboard/ Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com