Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1505ACBV150 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME1505ACBV150
Description  High Power BiPolar Linear LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1505ACBV150 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME1505ACBV150 Datasheet HTML 4Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 5Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 6Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 7Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 8Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 9Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 10Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 11Page - Analog Microelectronics AME1505ACBV150 Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AME, Inc.
8
High Power BiPolar Linear LDO
AME1505
Reference Voltage vs. Temperature
Adjustable Pin Current vs. Temperature
Control Pin Current vs. Temperature
Control Dropout Voltage vs. Load
1.2480
1.2485
1.2490
1.2495
1.2500
1.2505
1.2510
1.2515
-45
-5
25
55
85
Temperature (oC)
46
48
50
52
54
56
58
-45
-5
25
55
85
Temperature (oC)
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
-45
-5
25
55
85
Temperature (oC)
Load Current (A)
1.10
1.15
1.20
1.25
1.30
1.35
1
2
3
4
5
25 oC
85 oC
2.483
2.484
2.485
2.486
2.487
2.488
2.489
2.490
2.491
1
2
3
4
5
Load Current (A)
V
OUT =2.5V
0
100
200
300
400
500
600
700
1
2
3
4
5
Load Current (A)
V
OUT=2.5V
Power Dropout Voltage vs. Load
Output Voltage vs. Load Current


Similar Part No. - AME1505ACBV150

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-12D AIMTEC-AME15-12D Datasheet
401Kb / 3P
   15 watt encapsulated ac-dc converter
AME15-12DCJZ AIMTEC-AME15-12DCJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
287Kb / 4P
   15 Watt | AC-DC Converter
AME15-12DMAZ AIMTEC-AME15-12DMAZ Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AME1505ACBV150

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
   BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
Billiton Ltd.
TP82 ASIC-TP82 Datasheet
273Kb / 10P
   LDO linear stabilizer
logo
Guangdong Youtai Semico...
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
   300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
   2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com