Selected language     English  ▼


LA73072CL Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part No. LA73072CL
Description  LA73072CL
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

   
 4 page
background image
LA73072CL
No.8083-4/5
前ページより続く。
端子
番号
端子名
端子回路図
DC電圧
端子説明
6
CLKOUT
VCC↔0V
7
ND1
+0.5
−2.5
(−VCC)
8
VCCN
0V
−2.2
(−VCC)
6ピン:クロック出力端子
7ピン:電荷転送端子
8ピン:−VCC
9
VOUT
0V
10
VCC
2.9V to 3.6V
ビデオ出力端子
(プッシュプル出力ロー
インピーダンス)
ILA06843
ILA06844
ILA06841
ILA06840
ILA06842




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl