Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C1024-55Q Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS62C1024-55Q
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS62C1024-55Q Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IS62C1024-55Q Datasheet HTML 1Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 2Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 3Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 4Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 5Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 6Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 7Page - Integrated Circuit Solution Inc IS62C1024-55Q Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Integrated Circuit Solution Inc.
SR016-0B
IS62C1024
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5
TH
ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
35
IS62C1024-35W
600mil DIP
35
IS62C1024-35Q
450mil SOP
35
IS62C1024-35T
8*20mm TSOP-1
45
IS62C1024-45W
600mil DIP
45
IS62C1024-45Q
450mil SOP
45
IS62C1024-45T
8*20mm TSOP-1
55
IS62C1024-55W
600mil DIP
55
IS62C1024-55Q
450mil SOP
55
IS62C1024-55T
8*20mm TSOP-1
70
IS62C1024-70W
6600mil DIP
70
IS62C1024-70Q
450mil SOP
70
IS62C1024-70T
8*20mm TSOP-1
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
35
IS62C1024-35WI
600mil DIP
35
IS62C1024-35QI
450mil SOP
35
IS62C1024-35TI
8*20mm TSOP-1
45
IS62C1024-45WI
600mil DIP
45
IS62C1024-45QI
450mil SOP
45
IS62C1024-45TI
8*20mm TSOP-1
55
IS62C1024-55WI
600mil DIP
55
IS62C1024-55QI
450mil SOP
55
IS62C1024-55TI
8*20mm TSOP-1
70
IS62C1024-70WI
600mil DIP
70
IS62C1024-70QI
450mil SOP
70
IS62C1024-70TI
8*20mm TSOP-1


Similar Part No. - IS62C1024-55Q

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024-55Q ISSI-IS62C1024-55Q Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C1024-55QI ISSI-IS62C1024-55QI Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C1024-55Q

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L1024A TMT-T14L1024A Datasheet
86Kb / 12P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Winbond
W24L010A WINBOND-W24L010A Datasheet
152Kb / 9P
   128K X 8 High Speed CMOS Static RAM
W24L11 WINBOND-W24L11 Datasheet
170Kb / 11P
   128K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS62C1024 ISSI-IS62C1024 Datasheet
67Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL-12JLI-TR ISSI-IS61C1024AL-12JLI-TR Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024AL ISSI-IS61C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24L011A WINBOND-W24L011A Datasheet
131Kb / 10P
   128K X 8 High Speed CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com