Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC913DB Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC913DB
Description  PC MOTHERBOARD CLOCK GENERATOR WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC913DB Datasheet(HTML) 2 Page - Texas Instruments

  CDC913DB Datasheet HTML 1Page - Texas Instruments CDC913DB Datasheet HTML 2Page - Texas Instruments CDC913DB Datasheet HTML 3Page - Texas Instruments CDC913DB Datasheet HTML 4Page - Texas Instruments CDC913DB Datasheet HTML 5Page - Texas Instruments CDC913DB Datasheet HTML 6Page - Texas Instruments CDC913DB Datasheet HTML 7Page - Texas Instruments CDC913DB Datasheet HTML 8Page - Texas Instruments CDC913DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CDC913
PC MOTHERBOARD CLOCK GENERATOR
WITH DUAL 1-TO-4 BUFFERS AND 3-STATE OUTPUTS
SCAS502C – APRIL 1995 – REVISED MAY 1996
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
SEL0
SEL1
X1
CPUCLK
PCICLK
REFCLK
L
L
14.318 MHz
50 MHz
33 MHz
14.318 MHz
H
L
14.318 MHz
60 MHz
33 MHz
14.318 MHz
L
H
14.318 MHz
66 MHz
33 MHz
14.318 MHz
H
H
TCLK†
TCLK†
TCLK†
TCLK†
† Test clock (TCLK) is driven over X1 when the CDC913 is in the TEST mode; i.e.,
SEL1 = SEL0 = H.
OE
1A
2A
1Yn
2Yn
H
X
X
Hi-Z
Hi-Z
L
L
L
L
L
L
L
H
L
H
L
H
L
H
L
L
H
H
H
H


Similar Part No. - CDC913DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC9171 TI1-CDC9171 Datasheet
79Kb / 5P
[Old version datasheet]   DVD SYSTEM CLOCK SYNTHESIZER
CDC9171DBLE TI1-CDC9171DBLE Datasheet
79Kb / 5P
[Old version datasheet]   DVD SYSTEM CLOCK SYNTHESIZER
More results

Similar Description - CDC913DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
[Old version datasheet]   PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC209 TI1-CDC209 Datasheet
190Kb / 11P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVERS WITH 3-STATE OUTPUTS
SNJ54HC240 TI-SNJ54HC240 Datasheet
491Kb / 15P
[Old version datasheet]   OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
SN54ALS1244A TI-SN54ALS1244A Datasheet
358Kb / 11P
[Old version datasheet]   OCTAL BUFFERS AND DRIVERS WITH 3-STATE OUTPUTS
SN54LS465 TI-SN54LS465 Datasheet
180Kb / 9P
[Old version datasheet]   OCTAL BUFFERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
HEF40244B_CNV PHILIPS-HEF40244B_CNV_15 Datasheet
77Kb / 6P
   Octal buffers with 3-state outputs
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com