Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM102A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICM102A
Description  ICM102A CIF CMOS image sensor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM102A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICM102A Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM102A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ICM102A CIF CMOS sensor
Data Sheet Version1.0 July 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
7/24/2002
web site: http://www.ic- media.com/
web site: http://www.ic- media.com.tw/
page 3
Pixel Size: 6.0 µm x 6.0 µm
Sensor Area: 2.2 mm x 1.8 mm
Main Clock Frequency: up to 12 MHz
Exposure Time: 83 µs (@ 30 fps, 1 line, 12 MHz) ~ 164 s (@ 1 fps, 65,535 lines, 12 MHz)
RGB Gain:1/256 to 8 for individual Bayer pattern pixels
Sensitivity: 2.0 V/lux-sec (555 nm)
Quantum Efficiency: 38% (555 nm)
Dynamic Range: 53 dB (analog), 48 dB(digital)
Digital Gain: 1 ~ 64 x @ 2Nfor all pixels
Fill Factor: 28%
RGB Gain: 11 bits format 3.8(default), 1/256 to 8 for individual Bayer pattern pixels
S/N Ratio: 40 dB @ 75% full signal level
Sensitive to infrared illumination source
Power Supply: 3.3 V
Power Requirement: 25 mA (@ 30fps, 12 MHz)
Package: Ceramic LCC48, Plastic LCC48, Shrunk Plastic LCC48, miniature lens module (dimension
8mm x 8mm x 5.8mm)


Similar Part No. - ICM102A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
   Color VGA CMOS Image Sensor
ICM107 ETC-ICM107 Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM107B ETC-ICM107B Datasheet
517Kb / 20P
   ICM107B Mega pixel Color CMOS image sensor
ICM108B ETC1-ICM108B Datasheet
449Kb / 20P
   1.3 million pixel Color CMOS image sensor
More results

Similar Description - ICM102A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
List of Unclassifed Man...
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
Pixart Imaging Inc.
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
   SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
Pixart Imaging Inc.
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
   PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
   PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
logo
Sharp Corporation
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
   Digital Signal Processor for CIF CMOS Image Cameras
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
ON Semiconductor
KAC-12040 ONSEMI-KAC-12040_16 Datasheet
820Kb / 41P
   CMOS Image Sensor
March, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com