Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM2.4N Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZM2.4N
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM2.4N Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZM2.4N Datasheet HTML 1Page - Renesas Technology Corp HZM2.4N Datasheet HTML 2Page - Renesas Technology Corp HZM2.4N Datasheet HTML 3Page - Renesas Technology Corp HZM2.4N Datasheet HTML 4Page - Renesas Technology Corp HZM2.4N Datasheet HTML 5Page - Renesas Technology Corp HZM2.4N Datasheet HTML 6Page - Renesas Technology Corp HZM2.4N Datasheet HTML 7Page - Renesas Technology Corp HZM2.4N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HZM-N Series
Rev.5.00, Decl.14.2004, page 4 of 7
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B
18.86
21.08
B1
18.86
19.70
B2
19.52
20.39
HZM20N
B3
20.21
21.08
5
2
15.0
50
5
B
20.88
23.17
B1
20.88
21.77
B2
21.54
22.47
HZM22N
B3
22.23
23.17
5
2
17.0
55
5
B
22.93
25.57
B1
22.93
23.96
B2
23.72
24.78
HZM24N
B3
24.54
25.57
5
2
19.0
60
5
HZM27N
B
25.10
28.90
2
2
21.0
70
2
HZM30N
B
28.00
32.00
2
2
23.0
80
2
HZM33N
B
31.00
35.00
2
2
25.0
80
2
HZM36N
B
34.00
38.00
2
2
27.0
90
2
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZM2.4N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM2.4N RENESAS-HZM2.4N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
logo
Hitachi Semiconductor
HZM2.4N HITACHI-HZM2.4N Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM2.4N RENESAS-HZM2.4N Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM2.4N RENESAS-HZM2.4N Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
More results

Similar Description - HZM2.4N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM18NB2 RENESAS-HZM18NB2 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com