ICM515NB 574x483 Pixel CMOS NTSC Sensor
Data Sheet V1.0 November 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
1/17/2003
page 11
Company Confidential
[7:6]: 1/2^([7:6]+2): the ratio for Digtal gain
adjusting step
0x44
AD_AFSTEP
0x83
[7:0] Anti Flicker Exposure time adjust step under
30 fps, 131(60Hz), 158(50Hz)
0x45
AD_YBRIGHT
0x68
(104)
[7:0] Bright Limit, if "Y" > Birght Limit, the
pixel is bright pixel
AE and AWB status parameters for controller debugging purpose(read only)
0x46
AD_YCAverage
®
[7:0] Y average value for center of a frame
0x47
AD_Yaverage
®
7:0] Y average value for a whole frame
0x48
0x49
AD_NTBPL
®
AD_NTBPH
[10:0] Number of too bright pixel
0x4A
AD_AWBR
®
[7:0] R average value for a frame
0x4B
AD_AWBG
®
[7:0] G average value for a frame
0x4C
AD_AWBB
®
[7:0] B average value for a frame
0x4D
0x4E
AD_AWBpixelL
®
AD_AWBpixelH
[10:0] The number of pixel which is valid AWB
criteria
0x4F
AD_AWBRGBH
®
R,G,B average MSB
[0] Raverage[8] [1]Gaverage[8] [2]Baverage[8]
Output format, CDS and dead pixel control parameters
0x52
AD_INOUTSEL**
0x0b
[7] Reserved
[6] choose the DAC source
0: CVBS(TV)
1:DSP
input
source
according
to
AD_DSP_CTRL
[5] swap Cb,Cr sequence when output YCbCr
[4:0] Normal output select
[4] 0:ouput DSP 1: output NTSC
[4:0]: 5'h0: 3.8 format rawdata after auto dark
5'h1: 4.7 format rawdata after auto dark
5'h2: 5.6 format rawdata after auto dark
5'h3: 6.5 format rawdata after auto dark
5'h4: rawdata after deadpixel remove and
sign process
5'h5: R channel data after interpolation
5'h6: G channel data after interpolation
5'h7: B channel data after interpolation
5'h8: control siganl adc_vector[8:0]
5'h9: sensor row[8:0]
5'ha: sensor column[9:0]
5'hb: DSP input source according to
AD_DSP_CTRL
5'hc: Reserved
5'hd: Y channel output according to
AD_DSP_CTRL output
5'he: YCbYCr or YCrYCb output
according to [5]
5'hf:
CbYCrY
or
CrYCbY
output
according to [5]
5'h10: digital CVBS output
5'h11: digital Chrominance(C) output
5'h12: digital luminance(Y) output