Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1990AIS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1990AIS8
Description  250V Input Range G = 1, 10, Micropower, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990AIS8 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1990AIS8 Datasheet HTML 2Page - Linear Technology LT1990AIS8 Datasheet HTML 3Page - Linear Technology LT1990AIS8 Datasheet HTML 4Page - Linear Technology LT1990AIS8 Datasheet HTML 5Page - Linear Technology LT1990AIS8 Datasheet HTML 6Page - Linear Technology LT1990AIS8 Datasheet HTML 7Page - Linear Technology LT1990AIS8 Datasheet HTML 8Page - Linear Technology LT1990AIS8 Datasheet HTML 9Page - Linear Technology LT1990AIS8 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1990
6
1990f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆G
Gain Error
VOUT = ±10V
LT1990, G = 1
0.65
%
LT1990A, G = 1
0.33
%
G = 10
0.9
%
GNL
Gain Nonlinearity
VOUT = ±10V
G = 1
0.0025
%
G = 10
0.025
%
G/T
Gain vs Temperature
G = 1 (Note 10)
2
10
ppm/°C
G = 10 (Note 10)
7
20
ppm/°C
VCM
Input Voltage Range
Guaranteed by CMRR
–250
250
V
CMRR
Common Mode Rejection Ratio, RTI
VCM = –250V to 250V
LT1990
59
dB
LT1990A
68
dB
VOS
Input Offset Voltage, RTI
G = 1, 10
6.2
mV
VOS/T
Input Offset Voltage Drift, RTI
(Note 10)
522
µV/°C
VOSH
Input Offset Voltage Hysteresis, RTI
(Note 11)
250
µV
PSRR
Power Supply Rejection Ratio, RTI
VS = ±1.35V to ±16V
80
dB
Minimum Supply Voltage
Guaranteed by PSRR
±1.35
V
IS
Supply Current
230
µA
VOUT
Output Voltage Swing
±14.4
V
ISC
Output Short-Circuit Current
Short to V
5mA
Short to V+
13
mA
SR
Slew Rate
G = 1, VOUT = ±10V
0.25
V/µs
±15V ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the temperature range of 0°C ≤ TA ≤ 70°C. VS = ±15V, RL = 10k, VCM = VREF = 0V,
G = 1, 10, unless otherwise noted. (Notes 4, 6)


Similar Part No. - LT1990AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1990 LINER-LT1990 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1990 LINER-LT1990 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
LT1990 LINER-LT1990 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense
LT1990 LINER-LT1990 Datasheet
276Kb / 16P
   Micropower, Difference Amplifier
More results

Similar Description - LT1990AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1990 LINER-LT1990_15 Datasheet
276Kb / 16P
   Micropower, Difference Amplifier
logo
Burr-Brown (TI)
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Linear Technology
LT6376 LINER-LT6376 Datasheet
2Mb / 30P
   짹230V Common Mode Voltage G = 10 Difference Amplifier
logo
Analog Devices
AD8278 AD-AD8278 Datasheet
606Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifier, G = 쩍, 2
REV. 0
ADA4830-1 AD-ADA4830-1 Datasheet
458Kb / 22P
   High Speed Difference Amplifier with Input
REV. C
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
logo
Linear Technology
LT1193 LINER-LT1193 Datasheet
565Kb / 12P
   Video Difference Amplifier
logo
Recom International Pow...
RBL-E RECOM-RBL-E Datasheet
92Kb / 2P
   1:1 Input Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com