Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90SD1636A Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90SD1636A
Description  SERDES Gigabit Ethernet Transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90SD1636A Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI90SD1636A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI90SD1636A Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
PS8641
10/14/04
PI90SD1636A
SERDES Gigabit Ethernet Transceiver
Functional Block Description
Input Data Latch
The input data latch block latches the 10-bit TTL input parallel byte, TX<9:0>, on the rising edge of the 125 MHz user-provided
TX_CLK into the holding registers.
Parallel-to-Serial Converter
The received 10-bit TTL parallel input byte is converted to serial PECL level data stream by the parallel-to-serial block, and is trans-
mitted differentially to the line driver block at 1.25 Gbps. The 8b/10b encoded data is transmitted sequentially with bit 0 being sent
first.
Clock Generator
The 125 MHz signal used for clocking the serial outputs is generated by the TX PLL block based on the user-provided TX_CLK.
This clock should have a ±100 ppm tolerance.
Internal Loopback
When EWRAP is set to a logic HIGH, the serial data stream generated by the transmitter is looped back to the receiver path, instead
of going out to the DOUT± pins. When in loopback mode, a static logic 1 is transmitted at the line driver (DOUT+ is HIGH and
DOUT- is LOW).
Signal Detect
Signal detect block is used to sense the serial input data stream at pins DIN±. If the serial input is lower than 50mV differentially, this
block deasserts SIG_DET and sets the output, RX<9:0>, to all logic ones. When the serial input at pins DIN± is greater than 50mV,
the signal is directed to the receive path.
Equalizer and Slicer
The signal received from the line (DIN± pins) is distorted by the cable bandwidth. In order to maintain a low bit-error rate, an equalizer
is used to compensate for the signal loss. The slicer recovers the differential low-level signal to a CMOS-level single-ended signal,
for clock recovery and data re-timing.
Clock Recovery
The serial input data stream contains both data and clock. The clock recovery block is used to extract both data and clocks from this
input. In addition to data, two clocks of 62.5 MHz are recovered.


Similar Part No. - PI90SD1636A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636CFC PERICOM-PI90SD1636CFC Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636CFCE PERICOM-PI90SD1636CFCE Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636CFD PERICOM-PI90SD1636CFD Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636CFDE PERICOM-PI90SD1636CFDE Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
More results

Similar Description - PI90SD1636A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
   Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
logo
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
Agere Systems
DNC5X3125 AGERE-DNC5X3125 Datasheet
260Kb / 18P
   Gigabit Ethernet Transceiver Macrocell
logo
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com