Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS110N03 Datasheet(PDF) 2 Page - Rohm

Part # RSS110N03
Description  Switching (30V, 11A, -11A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS110N03 Datasheet(HTML) 2 Page - Rohm

  RSS110N03 Datasheet HTML 1Page - Rohm RSS110N03 Datasheet HTML 2Page - Rohm RSS110N03 Datasheet HTML 3Page - Rohm RSS110N03 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSS110N03
Transistor
2/3
Thermal resistance (Ta=25
°C)
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
Mounted on a ceramic board.
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
−−
10
µAVGS=20V, VDS=0V
VDD 15V
Typ.
Max.
Unit
Conditions
Gate-source leakage
V(BR) DSS
30
−−
VID=1mA, VGS=0V
Drain-source breakdown voltage
IDSS
−−
10
µAVDS=30V, VGS=0V
Zero gate voltage drain current
VGS (th)
1.0
2.5
V
VDS=10V, ID=1mA
Gate threshold voltage
Static drain-source on-starte
resistance
RDS (on)
m
Forward transfer admittance
Input capacitance
−−
S
Output capacitance
Ciss
−−
pF
VDS=10V
Reverse transfer capacitance
Coss
−−
pF
VGS=0V
Tum-on delay time
Crss
−−
pF
f=1MHz
VGS=10V
RGS=10
Rise time
td (on)
−−
ns
Tum-off delay time
tr
−−
ns
Fall time
td (off)
−−
ns
Total gate charge
tf
−−
ns
Gate-source charge
Qg
−−
nC
Gate-drain charge
Qgs
−−
nC
VGS=5V
Qgd
−−
nC
∗Pulsed
7.6
10.4
ID=
±11A, VGS=10V
10.3
14.3
ID=
±11A, VGS=4.5V
11.2
15.5
ID=
±11A, VGS=4V
8.0
ID=
±11A, VDS=10V
1300
410
250
9
RL=2.73
17
60
30
17
3.3
7.1
ID=
±11A
ID=5.5A, VDD 15V
Body diode characteristics (Source-Drain Characteristics) (Ta=25
°C)
Forward voltage
VSD
−−
1.2
V
IS=6.4A, VGS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
∗Pulsed
Electrical characteristic curves
0.01
0.1
1
10
100
DRAIN-SOURCE VOLTAGE : VDS (V)
10
1000
10000
100
Ta
=25°C
f
=1MHz
VGS
=0V
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ciss
Coss
Crss
0.01
0.1
1
10
100
DRAIN CURRENT : ID (A)
1
10
1000
10000
100
Ta
=25°C
VDD
=15V
VGS
=10V
RG
=10
Pulsed
Fig.2 Switching Characteristics
tr
tf
td (off)
td (on)
02468
10
12
14
16
18
TOTAL GATE CHARGE : Qg (nC)
0
1
2
3
4
5
6
7
8
Ta
=25°C
VDD
=15V
ID
=11A
RG
=10
Pulsed
Fig.3 Dynamic Input Characteristics


Similar Part No. - RSS110N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS100N03 ROHM-RSS100N03 Datasheet
59Kb / 4P
   Switching (30V, 짹10A)
RSS100N03FRA ROHM-RSS100N03FRA Datasheet
2Mb / 15P
   Nch 30V 10A Power MOSFET
RSS100N03HZG ROHM-RSS100N03HZG Datasheet
2Mb / 14P
   Nch 30V 10A Power MOSFET
logo
VBsemi Electronics Co.,...
RSS100N03TB VBSEMI-RSS100N03TB Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Rohm
RSS105N03 ROHM-RSS105N03 Datasheet
60Kb / 4P
   Switching (30V, /-0.5A)
More results

Similar Description - RSS110N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4E110BN ROHM-RF4E110BN Datasheet
2Mb / 13P
   Nch 30V 11A Middle Power MOSFET
RF4E110GN ROHM-RF4E110GN Datasheet
2Mb / 12P
   Nch 30V 11A Middle Power MOSFET
RQ7E110AJ ROHM-RQ7E110AJ Datasheet
2Mb / 14P
   Nch 30V 11A Middle Power MOSFET
logo
International Rectifier
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
logo
Hi-Sincerity Mocroelect...
H4422S HSMC-H4422S Datasheet
180Kb / 5P
   N-Channel Enhancement-Mode MOSFET (30V, 11A)
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
logo
MagnaChip Semiconductor...
MDS3604 MGCHIP-MDS3604 Datasheet
699Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS1655 MGCHIP-MDS1655 Datasheet
684Kb / 6P
   Single N-channel Trench MOSFET 30V, 11A, 17.5m(ohm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com