Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSS110N03 Datasheet(PDF) 3 Page - Rohm

Part # RSS110N03
Description  Switching (30V, 11A, -11A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS110N03 Datasheet(HTML) 3 Page - Rohm

  RSS110N03 Datasheet HTML 1Page - Rohm RSS110N03 Datasheet HTML 2Page - Rohm RSS110N03 Datasheet HTML 3Page - Rohm RSS110N03 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSS110N03
Transistor
3/3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
GATE-SOURCE VOLTAGE : VGS (V)
100
10
1
0.1
0.01
0.001
Fig.4 Typical Transfer Characteristics
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VDS
=10V
Pulsed
02468
10
12
14
16
GATE-SOURCE VOLTAGE : VGS (V)
0
50
100
150
200
250
300
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta
=25°C
Pulsed
ID
=11A
ID
=5.5A
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
0.01
0.1
1
10
100
Fig.6 Source Current vs.
Source-Drain Voltage
VGS
=0V
Pulsed
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
0.1
1
10
100
DRAIN CURRENT : ID (A)
1
10
100
1000
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι)
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=10V
Pulsed
0.1
1
10
100
1
10
100
1000
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=4.5V
Pulsed
DRAIN CURRENT : ID (A)
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ)
0.1
1
10
100
1
10
100
1000
Ta
= −25°C
Ta
=25°C
Ta
=75°C
Ta
=125°C
VGS
=4V
Pulsed
DRAIN CURRENT : ID (A)
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ)


Similar Part No. - RSS110N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS100N03 ROHM-RSS100N03 Datasheet
59Kb / 4P
   Switching (30V, 짹10A)
RSS100N03FRA ROHM-RSS100N03FRA Datasheet
2Mb / 15P
   Nch 30V 10A Power MOSFET
RSS100N03HZG ROHM-RSS100N03HZG Datasheet
2Mb / 14P
   Nch 30V 10A Power MOSFET
logo
VBsemi Electronics Co.,...
RSS100N03TB VBSEMI-RSS100N03TB Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Rohm
RSS105N03 ROHM-RSS105N03 Datasheet
60Kb / 4P
   Switching (30V, /-0.5A)
More results

Similar Description - RSS110N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RF4E110BN ROHM-RF4E110BN Datasheet
2Mb / 13P
   Nch 30V 11A Middle Power MOSFET
RF4E110GN ROHM-RF4E110GN Datasheet
2Mb / 12P
   Nch 30V 11A Middle Power MOSFET
RQ7E110AJ ROHM-RQ7E110AJ Datasheet
2Mb / 14P
   Nch 30V 11A Middle Power MOSFET
logo
International Rectifier
IRF7466 IRF-IRF7466 Datasheet
233Kb / 8P
   Power MOSFET(Vdss=30V, Id=11A)
logo
Fairchild Semiconductor
FDS6675BZ FAIRCHILD-FDS6675BZ Datasheet
360Kb / 6P
   P-Channel PowerTrench MOSFET -30V, -11A, 13mOhm
logo
Hi-Sincerity Mocroelect...
H4422S HSMC-H4422S Datasheet
180Kb / 5P
   N-Channel Enhancement-Mode MOSFET (30V, 11A)
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
logo
MagnaChip Semiconductor...
MDS3604 MGCHIP-MDS3604 Datasheet
699Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDS1655 MGCHIP-MDS1655 Datasheet
684Kb / 6P
   Single N-channel Trench MOSFET 30V, 11A, 17.5m(ohm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com