Electronic Components Datasheet Search |
|
LT1013MJGB Datasheet(PDF) 1 Page - Texas Instruments |
|
|
LT1013MJGB Datasheet(HTML) 1 Page - Texas Instruments |
1 / 30 page LT1013, LT1013A, LT1013D DUAL PRECISION OPERATIONAL AMPLIFIERS SLOS018H − MAY 1988 − REVISED NOVEMBER 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Single-Supply Operation − Input Voltage Range Extends to Ground − Output Swings to Ground While Sinking Current D Input Offset Voltage − 150 µV Max at 25°C for LT1013A D Offset-Voltage Temperature Coefficient − 2.5 µV/°C Max for LT1013A D Input Offset Current − 0.8 nA Max at 25 °C for LT1013A D High Gain . . . 1.5 V/µV Min (RL = 2 kΩ), 0.8 V/ µV Min (RL = 600 kΩ) for LT1013A D Low Supply Current . . . 0.5 mA Max at TA = 25°C for LT1013A D Low Peak-to-Peak Noise Voltage . . . 0.55 µV Typ D Low Current Noise . . . 0.07 pA/√Hz Typ description/ordering information The LT1013 devices are dual precision operational amplifiers, featuring high gain, low supply current, low noise, and low-offset-voltage temperature coefficient. The LT1013 devices can be operated from a single 5-V power supply; the common-mode input voltage range includes ground, and the output can also swing to within a few millivolts of ground. Crossover distortion is eliminated. The LT1013 can be operated with both dual ±15-V and single 5-V supplies. The LT1013C, LT1013AC, and LT1013D are characterized for operation from 0 °C to 70°C. The LT1013I, LT1013AI, and LT1013DI are characterized for operation from −40 °C to 105°C. The LT1013M, LT1013AM, and LT1013DM are characterized for operation over the full military temperature range of −55 °C to 125°C. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 1 2 3 4 8 7 6 5 1IN+ VCC− 2IN+ 2IN− 1IN− 1OUT VCC+ 2OUT LT1013, LT1013D ...D PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 NC 2OUT NC 2IN− NC NC 1IN− NC 1IN+ NC LT1013, LT1013A . . . FK PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 1OUT 1IN− 1IN+ VCC− VCC+ 2OUT 2IN− 2IN+ LT1013, LT1013D . . . JG OR P PACKAGE (TOP VIEW) NC − No internal connection On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Similar Part No. - LT1013MJGB |
|
Similar Description - LT1013MJGB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |