Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2745M Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2745M
Description  QUAD OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2745M Datasheet(HTML) 2 Page - New Japan Radio

  NJM2745M Datasheet HTML 1Page - New Japan Radio NJM2745M Datasheet HTML 2Page - New Japan Radio NJM2745M Datasheet HTML 3Page - New Japan Radio NJM2745M Datasheet HTML 4Page - New Japan Radio NJM2745M Datasheet HTML 5Page - New Japan Radio NJM2745M Datasheet HTML 6Page - New Japan Radio NJM2745M Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJM2745
- 2 -
Ver.2004-11-26
■ ABSOLUTE MAXIMUM RATINGS
( Ta=25ûC )
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+/V-
± 7.5
V
Commom mode Input Voltage
VIC
± 7.5 ( note 1)
V
Differential Input Voltage
VID
± 15 ( note 1)
V
870(DIP14)
930(EMP14) ( note 2)
700(DMP14) ( note 2)
570(SSOP14) ( note 2)
Power Dissipation
PD
mW
Output Current
IO
± 50
mA
Operating Temperature Range
Topr
-40~+85
ûC
Storage Temperature Range
Tstg
-40~+125
ûC
(note 1)For supply voltages less than ±7.5 V, the absolute maximum input voltage is equal to the supply voltage.
(note 2)Mounted on the EIA/JEDEC standard board (76.2
×114.3 ×1.6mm, two layer FR-4).
■ RECOMMENDED OPERATING CONDITION
(Ta=25
°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
V
+/V-
±2
-
±7
V
■ DC CHARACTERISTICS
( Ta=25ûC,V+/V-=±4.5V )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC
-
12
18
mA
Input Offset Voltage
VIO
RS
10kΩ
-
0.3
3
mV
Input Bias Current
IB
-
100
500
nA
Input Offset Current
IIO
-
5
200
nA
Large Signal Voltage Gain
AV
RL≥2kΩ,VO=±1.5V
90
110
-
dB
Common Mode Rejection Ratio
CMR
RS
10kΩ,-2.5VVIC+2.5V
70
110
-
dB
Supply Voltage Rejection Ratio
SVR
RS
10kΩ,V+/V-=±2V to ±7V
80
110
-
dB
Output Voltage Swing
VOM
RL≥2kΩ
±2.5
±3
-
V
Input Common Mode Voltage Range
VICM
CMR≥70dB
-2.5
-
+2.5
V
■ AC CHARACTERISTICS
( Ta=25ûC,V+/V-=±4.5V )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gain Bandwidth Product
GB
f=10kHz
-
15
-
MHz
Total Harmonic Distortion
THD
AV=20dB,VO=1Vrms,RL=2kΩ,f=1kHz
-
0.005
-
%
Input Noise Voltage
VNI
RS=0Ω
-
5
-
nV/
Hz
■ TRANSIENT CHARACTERISTICS
( Ta=25ûC,V+/V-=±4.5V )
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Slew Rate
SR
RL≥2kΩ
-
5
-
V/µs


Similar Part No. - NJM2745M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2745M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com