Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2745V Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2745V
Description  QUAD OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2745V Datasheet(HTML) 1 Page - New Japan Radio

  NJM2745V Datasheet HTML 1Page - New Japan Radio NJM2745V Datasheet HTML 2Page - New Japan Radio NJM2745V Datasheet HTML 3Page - New Japan Radio NJM2745V Datasheet HTML 4Page - New Japan Radio NJM2745V Datasheet HTML 5Page - New Japan Radio NJM2745V Datasheet HTML 6Page - New Japan Radio NJM2745V Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJM2745
-1-
Ver.2004-11-26
QUAD OPERATIONAL AMPLIFIER
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
NJM2745 is the quad operational amplifier for the audio use.
Designed low noise, high gain-bandwidth, and low distortion,
the NJM2745 is suitable for audio applications and active filters.
■ FEATURES
● Operating Voltage
( ±2V to ±7V )
● Low Input Noise Voltage
( 5nV/
√Hz@1kHz typ. )
● Wide Gain Bandwidth Product ( 15MHz typ. )
● Low Distortion
( 0.005
% typ. @AV=20dB,VO=1Vrms,RL=2kΩ,f=1kHz)
● Slew Rate
( 5V/µs typ. )
● Package Outline
DIP14,EMP14,SSOP14,DMP14
● Bipolar Technology
■ PIN CONFIGURATION
■ EQUIVALENT CIRCUIT ( 1/4 Shown )
NJM2745M
NJM2745D
NJM2745V
NJM2745E
(U.D.)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
PIN ASIGNMENT
1. A OUTPUT
2. A -INPUT
3. A +INPUT
4. V
+
5. B +INPUT
6. B -INPUT
7. B OUTPUT
8. C OUTPUT
9. C -INPUT
10.C +INPUT
11.V
-
12.D +INPUT
13.D -INPUT
14.D OUTPUT


Similar Part No. - NJM2745V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2740 NJRC-NJM2740 Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740M NJRC-NJM2740M Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2740V NJRC-NJM2740V Datasheet
227Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
NJM2741 NJRC-NJM2741 Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
NJM2741F NJRC-NJM2741F Datasheet
98Kb / 2P
   Single Supply Single Operational Amplifier with Full Swing Output
More results

Similar Description - NJM2745V

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com