Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM3.0NB2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZM3.0NB2
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM3.0NB2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZM3.0NB2 Datasheet HTML 1Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 2Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 3Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 4Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 5Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 6Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 7Page - Renesas Technology Corp HZM3.0NB2 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HZM-N Series
Rev.5.00, Decl.14.2004, page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. See Fig. 3.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
HZM2.0N
B
1.90
2.20
5
120
0.5
100
5
HZM2.2N
B
2.10
2.40
5
120
0.7
100
5
HZM2.4N
B
2.30
2.60
5
120
1.0
100
5
B
2.50
2.90
B1
2.50
2.75
HZM2.7N
B2
2.65
2.90
5
120
1.0
110
5
B
2.80
3.20
B1
2.80
3.05
HZM3.0N
B2
2.95
3.20
5
50
1.0
120
5
B
3.10
3.50
B1
3.10
3.35
HZM3.3N
B2
3.25
3.50
5
20
1.0
130
5
B
3.40
3.80
B1
3.40
3.65
HZM3.6N
B2
3.55
3.80
5
10
1.0
130
5
B
3.70
4.10
B1
3.70
3.97
HZM3.9N
B2
3.87
4.10
5
10
1.0
130
5
B
4.01
4.48
B1
4.01
4.21
B2
4.15
4.34
HZM4.3N
B3
4.28
4.48
5
10
1.0
130
5
B
4.42
4.90
B1
4.42
4.61
B2
4.55
4.75
HZM4.7N
B3
4.69
4.90
5
10
1.0
130
5
B
4.84
5.37
B1
4.84
5.04
B2
4.98
5.20
HZM5.1N
B3
5.14
5.37
5
5
1.5
130
5
B
5.31
5.92
B1
5.31
5.55
B2
5.49
5.73
HZM5.6N
B3
5.67
5.92
5
5
2.5
80
5
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZM3.0NB2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM3.0N RENESAS-HZM3.0N Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
logo
Hitachi Semiconductor
HZM3.0N HITACHI-HZM3.0N Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM3.0N RENESAS-HZM3.0N Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM3.0N RENESAS-HZM3.0N Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
More results

Similar Description - HZM3.0NB2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM18NB2 RENESAS-HZM18NB2 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com