Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3032K Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # MM3032K
Description  CMOS Regulator Monolithic IC MM303X Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3032K Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  MM3032K Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3032K Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MITSUMI
CMOS Regulator MM303X Series
Pin Assignment
12
43
SC-82AB
(TOP VIEW)
1
GND
2
VDD
3
VOUT
4
CE
Pin Description
Pin No.
Pin name
Functions
1
GND
GND Pin
2
VDD
Voltage-Supply pin
3
VOUT
Regulator output pin
No connection pin
4
CE
ON/OFF-Control pin
Connect CE-pin with VDD-
pin,when it is not used.
CE
OUTPUT
L
OFF
HON
Absolute Maximum Ratings (Ambient Temperature, Ta=25°C)
Item
Symbol
Ratings
Unit
Storage Temperature
TSTG
-40~+125
°C
Operating Temperature
TOPR
-30~+85
°C
Supply Voltage
VDD
-0.3~+9
V
Output Current
IOUT
150
mA
Allowable loss
Pd
150 (Alone)
mW
Recommended Operating Conditions (Ambient Temperature, Ta=25°C)
Item
Symbol
Ratings
Unit
Operating Temperature
TOP
-30~+85
°C
Supply Voltage
VOP
VOUT+0.3~8
V


Similar Part No. - MM3032K

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MM3032 SELEC-MM3032 Datasheet
738Kb / 2P
   Programmable Logic Controller
MM3032-P1 SELEC-MM3032-P1 Datasheet
738Kb / 2P
   Programmable Logic Controller
More results

Similar Description - MM3032K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM302X MITSUMI-MM302X Datasheet
63Kb / 7P
   CMOS Regulator Monolithic IC
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Panasonic Semiconductor
AN29000A PANASONIC-AN29000A Datasheet
259Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
logo
Panasonic Semiconductor
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
MM3376AX MITSUMI-MM3376AX Datasheet
83Kb / 11P
   150mA CMOS Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com