Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3513IGV-3.50-A-B-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3513IGV-3.50-A-B-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3513IGV-3.50-A-B-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3513IGV-3.50-A-B-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3513IGV-3.50-A-B-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
2
3510.2004.08.1.4
Pin Descriptions
Pin Configuration
(Top View)
AAT3516
AAT3519
(Top View)
AAT3510
AAT3511
(Top View)
AAT3513
AAT3514
AAT3517
AAT3518
(Top View)
AAT3512
AAT3515
5-lead SOT23
5-lead SOT23
5-lead SOT23
5-lead SOT23
GND
V
CC
WDI
MR
RESET 1
2
3
4
5
GND
V
CC
MR
RESET
RESET 1
2
3
4
5
GND
V
CC
WDI
MR
RESET 1
2
3
4
5
GND
V
CC
WDI
RESET
RESET 1
2
3
4
5
Pin #
AAT3510 AAT3512 AAT3513 AAT3515
AAT3511
AAT3514 AAT3516
AAT3517
AAT3518 AAT3519
Symbol
Function
1
N/A
1
1
RESET
AAT3510/13/15: RESET output goes low whenever VDD
falls below the reset threshold. CMOS push-pull Output
AAT3511/14/16: RESET output goes low whenever VDD
falls below the reset threshold. Bidirectional CMOS push-
pull Output intended to interface directly to microproces-
sors with bi-directional resets
AAT3517/18/19: RESET output goes low whenever VDD
falls below the reset threshold. Open drain output. Connect
a pull-up resistor to any supply voltage up to 5.5V
2
2
2
2
GND
Ground connection pin
1
3
3
RESET
RESET active-high output. This CMOS push-pull signal is
the logical inverse of RESET.
3
3
N/A
4
MR
Manual reset input pin. Active low. Pull low to force a reset.
4
4
4
N/A
WDI
Watchdog input pin. Triggers a reset if it remains in a
steady state for the duration of the watchdog timer period.
55
5
5
VCC
Input voltage pin


Similar Part No. - AAT3513IGV-3.50-A-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3513 AAT-AAT3513 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3513 ANALOGICTECH-AAT3513 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3513IGV-3.50-A-B-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com