Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3033F Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM3033F
Description  CMOS Regulator Monolithic IC MM303X Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3033F Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM3033F Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3033F Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUMI
CMOS Regulator MM303X Series
Electrical Characteristics 2 (Ambient Temperature, Ta=25°C, VIN=VCE)
PARAMETER
Product
Output Voltage
Output Current
Load Regulation
Input-Output differential Voltage
Name
VOUT (V)
IOUT (mA)
VOUT/ IOUT (mV)
VDIF (V)
TEST CONDISIONS MIN. TYP. MAX. TEST CONDISIONS MIN. TYP. TEST CONDISIONS TYP. MAX. TEST CONDISIONS TYP. MAX.
MM3031H
1.666 1.700 1.734
MM3031J
1.764 1.800 1.836
MM3031K
1.862 1.900 1.938
MM3032A
1.960 2.000 2.040
MM3032B
2.058 2.100 2.142
MM3032C
2.156 2.200 2.244
MM3032D
2.254 2.300 2.346
MM3032E
2.352 2.400 2.448
MM3032F
2.450 2.500 2.550
MM3032G
2.548 2.600 2.652
MM3032H
2.646 2.700 2.754
MM3032J
2.744 2.800 2.856
MM3032K
2.842 2.900 2.958
MM3033A
2.940 3.000 3.060
MM3033B
3.038 3.100 3.162
MM3033C
3.136 3.200 3.264
MM3033D
3.234 3.300 3.366
MM3033E
3.332 3.400 3.468
MM3033F
3.430 3.500 3.570
MM3033G
3.528 3.600 3.672
MM3033H
3.626 3.700 3.774
MM3033J
3.724 3.800 3.876
MM3033K
3.822 3.900 3.978
MM3034A
3.920 4.000 4.080
MM3034B
4.018 4.100 4.182
MM3034C
4.116 4.200 4.284
MM3034D
4.214 4.300 4.386
MM3034E
4.312 4.400 4.488
MM3034F
4.410 4.500 4.590
MM3034G
4.508 4.600 4.692
MM3034H
4.606 4.700 4.794
MM3034J
4.704 4.800 4.896
MM3034K
4.802 4.900 4.998
MM3035A
4.900 5.000 5.100
MM3035B
4.998 5.100 5.202
MM3035C
5.096 5.200 5.304
MM3035D
5.194 5.300 5.406
MM3035E
5.292 5.400 5.508
MM3035F
5.390 5.500 5.610
VIN-VOUT=
2.0V
10µA <
=
IOUT <
=
10mA
VIN-VOUT
=2.0V
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
35mA
30
35
50
65
80
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
50mA
40
IOUT=
1mA
60
50
40
35
30
25
90
75
60
55
45
40
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
65mA
50
VIN-VOUT
=2.0V
1mA <
=
IOUT <
=
80mA
60
45
60
70
90


Similar Part No. - MM3033F

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MM3032 SELEC-MM3032 Datasheet
738Kb / 2P
   Programmable Logic Controller
MM3032-P1 SELEC-MM3032-P1 Datasheet
738Kb / 2P
   Programmable Logic Controller
More results

Similar Description - MM3033F

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM302X MITSUMI-MM302X Datasheet
63Kb / 7P
   CMOS Regulator Monolithic IC
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Panasonic Semiconductor
AN29000A PANASONIC-AN29000A Datasheet
259Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
logo
Panasonic Semiconductor
AN13301A PANASONIC-AN13301A Datasheet
172Kb / 7P
   Silicon Monolithic Bi - CMOS IC
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
MM3376AX MITSUMI-MM3376AX Datasheet
83Kb / 11P
   150mA CMOS Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com