Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8931 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8931
Description  Power comparator 1 X 20 W
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8931 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8931 Datasheet HTML 1Page - NXP Semiconductors TDA8931 Datasheet HTML 2Page - NXP Semiconductors TDA8931 Datasheet HTML 3Page - NXP Semiconductors TDA8931 Datasheet HTML 4Page - NXP Semiconductors TDA8931 Datasheet HTML 5Page - NXP Semiconductors TDA8931 Datasheet HTML 6Page - NXP Semiconductors TDA8931 Datasheet HTML 7Page - NXP Semiconductors TDA8931 Datasheet HTML 8Page - NXP Semiconductors TDA8931 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
9397 750 13847
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 14 January 2004
3 of 31
Philips Semiconductors
TDA8931
Power comparator 1
× 20 W
6.
Block diagram
Fig 1.
Block diagram
001aab807
TDA8931
UVP
HEAT SPREADER
CONTROL
comparator
CONTROL
DRIVER
HIGH
STABILIZER
12V
BOOT
VDDP
17
18
OUT
16
VSSP
15
STABI
VSSD
VDDP
VSSP
14
HVP
13
VDDP
VSSP
HVPI
19
DIAG
8
12
1
101120
VSSD
VSSD
VSSD
VSSD
DRIVER
LOW
OVP
OVP
9
CGND
7
ENABLE
6
POWERUP
3
INN
4
INP
OCP
OTP
2
VSSA
5
VDDA
ODP


Similar Part No. - TDA8931

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8931

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
   20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
NXP Semiconductors
TDA8928J PHILIPS-TDA8928J Datasheet
210Kb / 23P
   Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
2004 May 05
logo
Guangdong Youtai Semico...
SD12CT1G UMW-SD12CT1G Datasheet
301Kb / 3P
   Peak Power − 350 W (8 x 20 цs)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
STMicroelectronics
STA541SA STMICROELECTRONICS-STA541SA Datasheet
613Kb / 26P
   2 x 20 W dual bridge amplifier
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
   Stereo/Bridge AF Amplifier 2 x 10 W/20 W
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
logo
NXP Semiconductors
TDA7053 PHILIPS-TDA7053 Datasheet
97Kb / 12P
   2 x 1 W portable/mains-fed stereo power amplifier
February 1994
logo
Integral Corp.
ILA7053 INTEGRAL-ILA7053 Datasheet
100Kb / 2P
   2 X 1 W PORTABLE/MAINS-FED STEREO POWER AMPLIFIER
logo
KODENSHI_AUK CORP.
KKA7053N KODENSHI-KKA7053N Datasheet
293Kb / 6P
   2 x 1 W portable/mains-fed stereo power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com