Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV8151DGVRE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV8151DGVRE4
Description  10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8151DGVRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV8151DGVRE4 Datasheet HTML 1Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 2Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 3Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 4Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 5Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 6Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 7Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 8Page - Texas Instruments SN74LV8151DGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74LV8151
10BIT UNIVERSAL SCHMITT TRIGGER BUFFER
WITH 3STATE OUTPUTS
SCES610 − OCTOBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
VCC
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
2 V
1.5
VIH
High-level input voltage
2.3 V to 2.7 V
VCC × 0.7
V
VIH
High-level input voltage
3 V to 3.6 V
VCC × 0.7
V
4.5 V to 5.5 V
VCC × 0.7
2 V
0.5
VIL
Low-level input voltage
2.3 V to 2.7 V
VCC × 0.3
V
VIL
Low-level input voltage
3 V to 3.6 V
VCC × 0.3
V
4.5 V to 5.5 V
VCC × 0.3
VI
Input voltage
0
5.5
V
VO
Output voltage
High or low state
0
VCC
V
VO
Output voltage
3-state
0
5.5
V
2 V
−50
µA
IOH
High-level output current
2.3 V to 2.7 V
−2
IOH
High-level output current
3 V to 3.6 V
−6
mA
4.5 V to 5.5 V
−12
mA
2 V
50
µA
IOL
Low-level output current
2.3 V to 2.7 V
2
IOL
Low-level output current
3 V to 3.6 V
6
mA
4.5 V to 5.5 V
12
mA
2.3 V to 2.7 V
200
T/C, OE inputs
3 V to 3.6 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
T/C, OE inputs
4.5 V to 5.5 V
20
ns/V
∆t/∆v
Input transition rise or fall rate
2.3 V to 2.7 V
4
A, B, D inputs
3 V to 3.6 V
3
ms/V
A, B, D inputs
4.5 V to 5.5 V
2
ms/V
TA
Operating free-air temperature
−40
85
°C
NOTES:
5. All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LV8151DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151DGVRE4 TI-SN74LV8151DGVRE4 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151DGVRE4 TI-SN74LV8151DGVRE4 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV8151DGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151_07 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151_08 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9541P TOSHIBA-TC74VHC9541P Datasheet
222Kb / 10P
   Octal Universal Schmitt Buffer with 3-State Outputs
TC74VHCT9541AFK TOSHIBA-TC74VHCT9541AFK Datasheet
336Kb / 7P
   Octal Universal Schmitt Buffer with 3-State Outputs
2019-01-31
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
[Old version datasheet]   SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com