Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV6688A Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV6688A
Description  Video Switch Matrix for TV Applications with S Terminal
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6688A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV6688A Datasheet HTML 3Page - STMicroelectronics STV6688A Datasheet HTML 4Page - STMicroelectronics STV6688A Datasheet HTML 5Page - STMicroelectronics STV6688A Datasheet HTML 6Page - STMicroelectronics STV6688A Datasheet HTML 7Page - STMicroelectronics STV6688A Datasheet HTML 8Page - STMicroelectronics STV6688A Datasheet HTML 9Page - STMicroelectronics STV6688A Datasheet HTML 10Page - STMicroelectronics STV6688A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
STV6688
Electrical Characteristics
2.5
I²C Bus Selection
Data transfers follow the usual I²C format:
after the Start condition (S), a 7-bit slave
address is sent, followed by an 8-bit word
which is a data direction bit (W). An 8-bit
sub-address is sent to select a register,
followed by an 8-bit data word to be
included in the register.
The I²C Bus Decoder of the
microcontroller provides the Automatic
Incrementation mode in Write mode.
String Format: Write Only mode (S =
Start condition, P = Stop condition, A
= Acknowledge)
Input Signals Summary: (Write
Mode)
Input Signal: (Write Mode) Data Byte
Figure 2: I²C Bus Timings
t BUF
t LOW
t HIGH
t f
t r
t HD,STA
t HD,DAT
t SU,DAT
t SU,STA
t SU,STO
SDA
SCL
SDA
(Start, Stop)
S
SLAVE ADDRESS: 94h
A
00h
A
DATA
A
P
Reg.Addr.
(Hex)
Data
D7
D6
D5
D4
D3
D2
D1
D0
General
Stand-by
Buffer
Stand-by
Always set
to 1
Switch Control
Reg.
Addr.
Description
Bits
Data
Comments
D7
D6
D5
D4
D3
D2
D1
D0
0x00
General Stand-by
1
0
1
X
X
1
1
X
X
X
X
X
X
X
X
X
X
All disabled
All active
Buffer Stand-by
1
X
X
0
1
1
1
X
X
X
X
X
X
X
X
X
X
Buffer disabled
Buffer active
Y/CVBS and
C Selection
2X
X
X
X
X
X
X
X
1
1
1
1
X
X
X
X
X
X
X
X
X
X
X
X
0
0
1
1
0
1
0
1
INT TV
IN1
IN2
IN3


Similar Part No. - STV6688A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV6618 STMICROELECTRONICS-STV6618 Datasheet
331Kb / 24P
   Video Switch Matrix for DVDs
STV6618 STMICROELECTRONICS-STV6618 Datasheet
391Kb / 24P
   Video Switch Matrix for DVDs
STV6618D STMICROELECTRONICS-STV6618D Datasheet
391Kb / 24P
   Video Switch Matrix for DVDs
More results

Similar Description - STV6688A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8851BNG TOSHIBA-TA8851BNG Datasheet
1Mb / 48P
   AUDIO / VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8851CN TOSHIBA-TA8851CN Datasheet
1Mb / 45P
   AUDIO/VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8851BN TOSHIBA-TA8851BN Datasheet
1Mb / 46P
   AUDIO/ VIDEO SWITCH IC FOR TV WITH S-TERMINALS
TA8720AN TOSHIBA-TA8720AN Datasheet
483Kb / 18P
   AV SWITCH FOR COLOR TV WITH S-TERMINAL
logo
STMicroelectronics
STV6618 STMICROELECTRONICS-STV6618 Datasheet
331Kb / 24P
   Video Switch Matrix for DVDs
STV6618D STMICROELECTRONICS-STV6618D Datasheet
391Kb / 24P
   Video Switch Matrix for DVDs
logo
New Japan Radio
NJM2277 NJRC-NJM2277 Datasheet
110Kb / 15P
   VIDEO SWITCH MATRIX
logo
Hynix Semiconductor
GL3812 HYNIX-GL3812 Datasheet
108Kb / 6P
   AUDIO/VIDEO SWITCH FOR TV, VCR
logo
Sanyo Semicon Device
LA7952 SANYO-LA7952 Datasheet
77Kb / 4P
   Video Switch for TV/VCR Use
LA7958 SANYO-LA7958 Datasheet
299Kb / 7P
   For TV, VTR Audio/Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com