Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3913 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3913
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3913 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3913 Datasheet HTML 1Page - Texas Instruments UCC3913 Datasheet HTML 2Page - Texas Instruments UCC3913 Datasheet HTML 3Page - Texas Instruments UCC3913 Datasheet HTML 4Page - Texas Instruments UCC3913 Datasheet HTML 5Page - Texas Instruments UCC3913 Datasheet HTML 6Page - Texas Instruments UCC3913 Datasheet HTML 7Page - Texas Instruments UCC3913 Datasheet HTML 8Page - Texas Instruments UCC3913 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
5
www.ti.com
DETAILED PIN DESCRIPTIONS (continued)
SD/FLT
This pin provides fault output indication and shutdown control. Interface into and out of this pin is usually
performed through level shift transistors. When 20
µA is sourced into this pin, shutdown drives high causing the
output to disable the N-channel MOSFET pass device. When opened, and under a non-fault condition, the
SD/FLT pin pulls to a low state. When a fault is detected by the fault timer, or undervoltage lockout, this pin drives
to a high state, indicating the output MOSFET is off.
VDD
Current driven with a resistor to a voltage at least 10-V more positive than VSS. Typically a resistor is connected
to ground. The 10-V shunt regulator clamps VDD at 10 V above the VSS pin, and is also used as an output
reference to program the maximum allowable sourcing current.
BLOCK DIAGRAM
1
2
LINEAR
CURRENT
AMPLIFIER
PL
7
OUT
+
+
IMAX
8
+
6
SENSE
5
VSS
4CT
ON–TIME
CONTROL
3
VDD
UVLO
5.0V
REF
LOGIC
SUPPLY
1= UNDERVOLTAGE
+
SOURCE
ONLY
SD/FLT
VDD
0.2 V
OVERCURRENT
COMPARATOR
DISABLE
5.0 V
OVERLOAD COMPARATOR
50 mV
UDG–99001
50
VDD
VDD
20
µA
9.5-V SHUNT
REGULATOR


Similar Part No. - UCC3913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3913 TI-UCC3913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC3913 TI1-UCC3913 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3913D TI1-UCC3913D Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3913DG4 TI1-UCC3913DG4 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3913DTR TI1-UCC3913DTR Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3913

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com