Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2913D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2913D
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2913D Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC2913D Datasheet HTML 3Page - Texas Instruments UCC2913D Datasheet HTML 4Page - Texas Instruments UCC2913D Datasheet HTML 5Page - Texas Instruments UCC2913D Datasheet HTML 6Page - Texas Instruments UCC2913D Datasheet HTML 7Page - Texas Instruments UCC2913D Datasheet HTML 8Page - Texas Instruments UCC2913D Datasheet HTML 9Page - Texas Instruments UCC2913D Datasheet HTML 10Page - Texas Instruments UCC2913D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
7
www.ti.com
APPLICATION INFORMATION
During a fault, CT charges at a rate determined by the internal charging current and the external timing capacitor.
Once CT charges to 2.5 V, the fault comparator switches and sets the fault latch. Setting of the fault latch causes
both the output to switch off and the charging switch to open. CT must now discharge with the 1-µA current
source, I2, until 0.5 V is reached. Once the voltage at CT reaches 0.5 V, the fault latch resets, which re-enables
the output and allows the fault circuitry to regain control of the charging switch. If a fault is still present, the fault
comparator closes the charging switch causing the cycle to begin. Under a constant fault, the duty cycle is given
by:
Duty Cycle
+
1
mA
I
PL ) 36 mA
Average power dissipation in the pass element is given by:
P
FET(avg) + VFET
IMAX
1
mA
I
PL ) 36 mA
Where VFET >> 5 V IPL can be approximated as :
I
PL ^
V
FET
R
PL
and where IPL >> 36 µA, the duty cycle can be approximated as :
Duty Cycle
+
1
mA
R
PL
V
FET
Therefore, the maximum average power dissipation in the MOSFET can be approximated by:
P
FET(avg) + VFET
IMAX
1
mA
R
PL
V
FET
+ IMAX
1
mA
R
PL
Notice that in the approximation, VFET cancels. therefore, average power dissipation is limited in the N-channel
MOSFET pass element.
Overload Comparator
The linear amplifier in the UCCx913 ensures that the output N-channel MOSFET does not pass more than IMAX
(which is VIMAX/RS). In the event the output current exceeds the programmed IMAX by 0.2 V/RS (which can only
occur if the output MOSFET is not responding to a command from the device) the CT pin begins charging with
I3, 1 mA, and continue to charge to approximately 8 V. This allows a constant fault to show up on the SD/FLT
pin, and also since the voltage on CT charges past 2.5 V only in an overload fault mode, it can be used for
detection of output FET failure or to build in redundancy in the system.
(6)
(7)
(8)
(9)
(10)


Similar Part No. - UCC2913D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913D TI1-UCC2913D Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913DG4 TI1-UCC2913DG4 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913DTR TI1-UCC2913DTR Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC2913DTRG4 TI1-UCC2913DTRG4 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC2913D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com