Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5683A Datasheet(PDF) 10 Page - Exar Corporation

Part # XRT5683A
Description  PCM Line Interface Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5683A Datasheet(HTML) 10 Page - Exar Corporation

Back Button XRT5683A Datasheet HTML 4Page - Exar Corporation XRT5683A Datasheet HTML 5Page - Exar Corporation XRT5683A Datasheet HTML 6Page - Exar Corporation XRT5683A Datasheet HTML 7Page - Exar Corporation XRT5683A Datasheet HTML 8Page - Exar Corporation XRT5683A Datasheet HTML 9Page - Exar Corporation XRT5683A Datasheet HTML 10Page - Exar Corporation XRT5683A Datasheet HTML 11Page - Exar Corporation XRT5683A Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
XR-T5683A
10
Rev. 2.01
18 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 1.00
18
1
10
9
D
eB1
A1
E1
C
E
A2
L
B
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.38
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
0.845
0.925
21.46
23.50
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.160
2.92
4.06
α
0
°
15
°
0
°
15
°
MILLIMETERS
α
A
Note: The control dimension is the inch column
eB
eA


Similar Part No. - XRT5683A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
More results

Similar Description - XRT5683A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Texas Instruments
TCM29C23 TI1-TCM29C23_12 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
logo
Level One
LXT335 LVL1-LXT335 Datasheet
492Kb / 16P
   Quad Short Haul PCM Analog Interface
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
   I2S AUDIO CODEC VOICE PCM INTERFACE
logo
Texas Instruments
TCM29C23 TI-TCM29C23 Datasheet
303Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com