Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT5683A Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT5683A
Description  PCM Line Interface Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT5683A Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT5683A Datasheet HTML 3Page - Exar Corporation XRT5683A Datasheet HTML 4Page - Exar Corporation XRT5683A Datasheet HTML 5Page - Exar Corporation XRT5683A Datasheet HTML 6Page - Exar Corporation XRT5683A Datasheet HTML 7Page - Exar Corporation XRT5683A Datasheet HTML 8Page - Exar Corporation XRT5683A Datasheet HTML 9Page - Exar Corporation XRT5683A Datasheet HTML 10Page - Exar Corporation XRT5683A Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
XR-T5683A
7
Rev. 2.01
Notes
1 Inputs that are not connected to pulse generator will be tied to VCC via 1K resistor.
2 C1 includes probe and jig capacitance.
Figure 5. Test Circuit
100
0.1
µF
VCC = 5V
Output
CI=15pF2
0V
Pin 9 & 18
Pin 13 & 15
0V
Pin 7 & 14
8.448MHz
Pulse
Generator
Input
XR-T5683A
Pin 12,16,171
Figure 6. Transmitter Test Circuit and Switching Waveforms (Measured at 8.448Mbps)
3V
90%
59ns
<5ns
90%
Input Pulse
From Generator
10%
1.5V
Output From Pin 13
or Pin 15
90%
1.5V
10%
15ns Typ.
15ns Typ.
90%
50%
50%
10%
10%
0V
+5V
Vol
Pulse Width
Rise Time
Fall Time
<5ns


Similar Part No. - XRT5683A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
More results

Similar Description - XRT5683A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XR-T56L85 EXAR-XR-T56L85 Datasheet
105Kb / 12P
   Low Power PCM Line Interface
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Texas Instruments
TCM29C23 TI1-TCM29C23_12 Datasheet
276Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
logo
Level One
LXT335 LVL1-LXT335 Datasheet
492Kb / 16P
   Quad Short Haul PCM Analog Interface
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
   I2S AUDIO CODEC VOICE PCM INTERFACE
logo
Texas Instruments
TCM29C23 TI-TCM29C23 Datasheet
303Kb / 20P
[Old version datasheet]   VARIABLE-FREQUENCY PCM OR DSP INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com