Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM82C53-2GS Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM82C53-2GS
Description  CMOS PROGRAMMABLE INTERVAL TIMER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM82C53-2GS Datasheet(HTML) 5 Page - OKI electronic componets

  MSM82C53-2GS Datasheet HTML 1Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 2Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 3Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 4Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 5Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 6Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 7Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 8Page - OKI electronic componets MSM82C53-2GS Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5/19
¡ Semiconductor
MSM82C53-2RS/GS/JS
AC CHARACTERISTICS
Note: Timing measured at VL = 0.8 V and VH = 2.2 V for both inputs and outputs.
Parameter
Symbol
Unit
Condition
Max.
Min.
MSM82C53-2
Address Set-up Time before Reading
(VCC = 4.5 V to 5.5 V, Ta = –40 to +85°C)
tAR
ns
Address Hold Time after Reading
tRA
ns
Read
Cycle
30
0
Read Recovery Time
Read Pulse Width
tRR
ns
150
Address Set-up Time before Writing
tRVR
ns
200
Address Hold Time after Writing
tAW
ns
0
Write Pulse Width
tWA
tWW
ns
20
Data Input Set-up Time before Writing
tDW
ns
Write
Cycle
150
Data Input Hold Time after Writing
tWD
ns
100
Write Recovery Time
tRVW
ns
20
Clock Cycle Time
tCLK
ns
200
Clock "H" Pulse Width
tPWH
ns
125
D.C.
Clock "L" Pusle Width
tPWL
ns
60
tGW
ns
Clock
and
Gate
Timing
60
"H" Gate Pulse Width
CL = 150 pF
tGL
ns
"L" Gate PUlse Width
tGS
ns
50
50
Gate Input Hold Time after Clock
Gate Input Set-up Time before Clock
tGH
ns
50
Output Delay Time after Reading
tRD
ns
50
ns
120
Output Delay Time after Gate
tODG
Output Delay Time after Clock
tOD
ns
120
Output Delay Time after Address
tAD
ns
150
ns
180
Output Floating Delay Time after
Reading
tDF
ns
Delay
Time
5
90


Similar Part No. - MSM82C53-2GS

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C51A-2GS OKI-MSM82C51A-2GS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2JS OKI-MSM82C51A-2JS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C51A-2RS OKI-MSM82C51A-2RS Datasheet
203Kb / 26P
   UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER
MSM82C54-2GS OKI-MSM82C54-2GS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2JS OKI-MSM82C54-2JS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results

Similar Description - MSM82C53-2GS

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8254 INTEL-8254 Datasheet
835Kb / 21P
   PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
   Programmable Interval Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com