Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR-T56L85D Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-T56L85D
Description  Low Power PCM Line Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T56L85D Datasheet(HTML) 5 Page - Exar Corporation

  XR-T56L85D Datasheet HTML 1Page - Exar Corporation XR-T56L85D Datasheet HTML 2Page - Exar Corporation XR-T56L85D Datasheet HTML 3Page - Exar Corporation XR-T56L85D Datasheet HTML 4Page - Exar Corporation XR-T56L85D Datasheet HTML 5Page - Exar Corporation XR-T56L85D Datasheet HTML 6Page - Exar Corporation XR-T56L85D Datasheet HTML 7Page - Exar Corporation XR-T56L85D Datasheet HTML 8Page - Exar Corporation XR-T56L85D Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
XR-T56L85
5
Rev. 2.01
100
0.1
µF
VCC=5V
0V
CL=15pF
Output
0V
Pin 13 & 15
Pin 7 &14
Pulse
Input
XR-T56L85
Generator
2.048Mbps
Figure 2.
Pin 9 &18
Pin 12, 16, 17
90%
244ns
Input Pulse
from Generator
10%
1.5V
Output from Pin 13
or Pin 15
1.5V
10%
90%
<5ns
<5ns
Vol
+5V
0V
3V
Rise Time
Pulse Width
Fall Time
15ns Typ.
Figure 3.
15ns Typ.


Similar Part No. - XR-T56L85D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-T56L22AD EXAR-XR-T56L22AD Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
XR-T56L22AN EXAR-XR-T56L22AN Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
XR-T56L22AP EXAR-XR-T56L22AP Datasheet
344Kb / 16P
   Low Power Repeater/Receiver
More results

Similar Description - XR-T56L85D

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT56L85 EXAR-XRT56L85 Datasheet
261Kb / 12P
   Low Power PCM Line Interface
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
   PCM Line Interface Chip
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
   PCM Line Interface Chip
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
[Old version datasheet]   384kHz PCM Interface
logo
Asahi Kasei Microsystem...
AK61584 AKM-AK61584 Datasheet
364Kb / 38P
   Dual Low Power T1/E1 Line Interface
logo
Agere Systems
L9218A AGERE-L9218A Datasheet
378Kb / 30P
   Low-Cost Line Interface
logo
Integrated Device Techn...
IDT82V1671 IDT-IDT82V1671 Datasheet
1Mb / 107P
   CHIPSET OF RINGING SUBSCRIBER LINE INTERFACE CIRCUIT (RSLIC) & QUAD PROGRAMMABLE PCM CODEC
logo
Level One
LXT313 LVL1-LXT313 Datasheet
269Kb / 10P
   Low Power E1 PCM Repeaters/Transceivers
LXT312 LVL1-LXT312 Datasheet
276Kb / 10P
   Low Power T1 PCM Repeaters/Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com