Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HZM12NB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HZM12NB
Description  Silicon Epitaxial Planar Zener Diode for Stabilizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZM12NB Datasheet(HTML) 6 Page - Renesas Technology Corp

  HZM12NB Datasheet HTML 1Page - Renesas Technology Corp HZM12NB Datasheet HTML 2Page - Renesas Technology Corp HZM12NB Datasheet HTML 3Page - Renesas Technology Corp HZM12NB Datasheet HTML 4Page - Renesas Technology Corp HZM12NB Datasheet HTML 5Page - Renesas Technology Corp HZM12NB Datasheet HTML 6Page - Renesas Technology Corp HZM12NB Datasheet HTML 7Page - Renesas Technology Corp HZM12NB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HZM-N Series
Rev.5.00, Decl.14.2004, page 6 of 7
Main Characteristic
10
8
6
4
2
0
48
12
16
20
24
28
32
40
36
0
5
10 15 20 25
–0.06
30 35 40 45
–0.05
–0.04
–0.03
–0.02
–0.01
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
%/
°C
mV/
°C
250
200
150
100
50
200
150
100
50
0
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
0
1.0mm
Printed circuit board
25 62 1.6t mm
Material:
Glass Epoxy Resin+Cu Foil
×
×
Cu Foil
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)
0
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
45
–30
–0.07


Similar Part No. - HZM12NB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM12NB RENESAS-HZM12NB Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZM12NB1 RENESAS-HZM12NB1 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZM12NB2 RENESAS-HZM12NB2 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZM12NB3 RENESAS-HZM12NB3 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
More results

Similar Description - HZM12NB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZM15NB3TLE RENESAS-HZM15NB3TLE Datasheet
210Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Hitachi Semiconductor
HZM HITACHI-HZM Datasheet
37Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
logo
Renesas Technology Corp
HZM15NB2TL-E RENESAS-HZM15NB2TL-E Datasheet
220Kb / 10P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM-N RENESAS-HZM-N_11 Datasheet
92Kb / 7P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
HZM18NB2 RENESAS-HZM18NB2 Datasheet
193Kb / 8P
   Silicon Epitaxial Planar Zener Diode for Stabilizer
Rev.5.00 Dec 14, 2004
HZU2.0BTRF-E RENESAS-HZU2.0BTRF-E Datasheet
103Kb / 10P
   Silicon Planar Zener Diode for Stabilizer
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
RKZ-KL RENESAS-RKZ-KL Datasheet
76Kb / 6P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KJ RENESAS-RKZ-KJ Datasheet
66Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
RKZ-KG RENESAS-RKZ-KG Datasheet
79Kb / 7P
   Silicon Planar Zener Diode for Surge Absorption and Stabilizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com