Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G910T73B Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G910T73B
Description  3.3V 400mA/250mA Low Dropout Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910T73B Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G910T73B Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910T73B Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Ver: 6.6
Sep 25, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G910/G911
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage………………………………………….10V
Power Dissipation Internally Limited
(Note2)
Maximum Junction Temperature…………………150°C
Storage Temperature Range..……-65°C
≤ TJ ≤+150°C
Lead Temperature, Time for Wave Soldering
SOT89, SOT223, µTO92 Package……..…...260°C, 4s
Continuous Power Dissipation (TA = + 25°C)
SOT 89
(1)………………………….…………………..0.5W
SOT 223
(1)……………………….……………………0.8W
µTO 92 & TO 92
(1)…………….……………………..0.5W
Note (1): See Recommended Minimum Footprint.
Operating Conditions
(Note 1)
Input Voltage…………………………..…..………4V ~ 7V
Temperature Range………………….….0°C
≤ TJ ≤125°C
Electrical Characteristics
VIN =5V, IO = 400mA/250mA+, CIN=10µF, COUT =10µF. All specifications apply for TA = TJ = 25°C.[Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
5mA < IO <400mA
Output Voltage
5mA < IO <250mA
+
3.234
3.3
3.366
V
Line Regulation
4V < VIN < 7V, IO = 10mA
10
30
mV
10mA < IO < 400mA
42
60
Load Regulation
10mA < IO <250mA
+
28
45
mV
Output Impedance
100mA DC and 100mA AC, fO = 120Hz
102
m
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120 Hz, 1VP-P, Io = 100mA
42
dB
IO = 400mA
0.65
IO =250mA
+
0.35
V
Dropout Voltage
IO = 50mA
50
100
mV
VIN = 4.5V, mounted on SOT 89 rec-
ommended minimum footprint
400
Output Current
Continuous Test
TA = 25°C, TJ < 125°C,
VOUT within ±2% (Note 2) VIN = 5.2V, µTO 92 & TO 92 package
0.53 inch leads soldered to PC Board
250+
mA
Short Circuit Current
0.77
A
Over Temperature
125
°C
[
+ for µTO-92 & TO-92 Package]
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are
conditions under which the device functions but the specifications might not be guaranteed. For guaranteed speci-
fications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal resis-
tance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient temperature is
Tjmax-TA /
θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC will go into thermal
shutdown. For the G910 in SOT 89 package & µTO 92,TO 92,
θJA is 250°C/W and in the SOT-223 package is
156°C/W (See Recommended Minimum Footprint). The safe operation in SOT 89,µTO 92,TO 92 & SOT 223
package, it can see “Typical Performance Characteristics” (Safe Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input volt-
age. The measurement is made under conditions of low
dissipation or by using pulse techniques such that av-
erage chip temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.


Similar Part No. - G910T73B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910T21U GMT-G910T21U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T21UF GMT-G910T21UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T65U GMT-G910T65U Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T65UF GMT-G910T65UF Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
G910T81B GMT-G910T81B Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
More results

Similar Description - G910T73B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_06 Datasheet
408Kb / 10P
   3.3V 600mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954 Datasheet
170Kb / 12P
   250mA Low-Dropout Regulator
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Monolithic Power System...
MP8802 MPS-MP8802 Datasheet
278Kb / 7P
   Low Dropout 250mA Linear Regulator
EV8802DJ-00A MPS-EV8802DJ-00A Datasheet
191Kb / 4P
   Low Dropout 250mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com