Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP8880 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP8880
Description  N-Channel PowerTrench MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP8880 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDP8880 Datasheet HTML 3Page - Fairchild Semiconductor FDP8880 Datasheet HTML 4Page - Fairchild Semiconductor FDP8880 Datasheet HTML 5Page - Fairchild Semiconductor FDP8880 Datasheet HTML 6Page - Fairchild Semiconductor FDP8880 Datasheet HTML 7Page - Fairchild Semiconductor FDP8880 Datasheet HTML 8Page - Fairchild Semiconductor FDP8880 Datasheet HTML 9Page - Fairchild Semiconductor FDP8880 Datasheet HTML 10Page - Fairchild Semiconductor FDP8880 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
FDP8880 / FDB8880 Rev. A
www.fairchildsemicom
7
Test Circuits and Waveforms
Figure 15. Unclamped Energy Test Circuit
Figure 16. Unclamped Energy Waveforms
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveforms
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Waveforms
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
+
-
VDS
VDD
DUT
Ig(REF)
L
VDD
Qg(TH)
VGS = 1V
Qgs2
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
Qg(5)
VGS = 5V
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0


Similar Part No. - FDP8880

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP8880 ISC-FDP8880 Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP8880 FAIRCHILD-FDP8880_08 Datasheet
767Kb / 11P
   N-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDP8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com